Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1275 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STA1275
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1275 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STA1275 Datasheet HTML 70Page - STMicroelectronics STA1275 Datasheet HTML 71Page - STMicroelectronics STA1275 Datasheet HTML 72Page - STMicroelectronics STA1275 Datasheet HTML 73Page - STMicroelectronics STA1275 Datasheet HTML 74Page - STMicroelectronics STA1275 Datasheet HTML 75Page - STMicroelectronics STA1275 Datasheet HTML 76Page - STMicroelectronics STA1275 Datasheet HTML 77Page - STMicroelectronics STA1275 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
Electrical characteristics
STA1295, STA1275
74/109
DS12586 Rev 5
ADC2_VREFP
SR
Positive reference voltage for SAR
ADC
- 0.3
+ 3.90
V
DAC_AVDD
SR Analog voltage supply for DAC
- 0.3
+ 3.90
V
DAC_IO_AVDD
SR
Power supply of IO buffer in
DAC/Stereo/Microphone
σΔ ADC
section
- 0.3
+ 3.90
V
ADC0_1_VDD
SR
Analog power supply for
Stereo/Microphone SDADC
- 0.3
+ 3.90
V
USB_VREG3V3_1V1 SR
Voltage supply for 3V3TO1V1
regulator used within USB
subsystem
- 0.3
+ 3.90
V
USB_VREG3V3_1V8 SR
Voltage supply for 3V3TO1V8
regulator used within USB
subsystem
- 0.3
+ 3.90
V
USB0_VDD3V3
SR
Voltage supply for Host USB
(USB0)
- 0.3
+ 3.90
V
USB1_VDD3V3
SR
Voltage supply for dual role USB
(USB)
- 0.3
+ 3.90
V
PLL_VREG3.3V
SR
Voltage supply for 3V3TO2V5
regulator used by PLL and 24 MHz
OSC
- 0.3
+ 1.50
V
VDDQ
SR Power rail of DDR IOs
- 0.3
+ 2.50
V
DDR_PLL_3V3
SR 3.3 V for DDR_PLL LDO
- 0.3
+ 3.90
V
DDR_PLL_DVDD
SR 1.2 V digital supply for DDR PLL
- 0.3
+ 1.50
V
VINPUT
SR
Voltage applied to any pin of the
VDD_IO_3V3 domain
GND - 0.3
VDD_IO_3V3 + 0.3
V
Voltage applied to any pin of the
VDD_IO_1V8 domain
VDD_IO_1V8 + 0.3
Voltage applied to any pin of the
VDD_IO_ON domain
VDD_IO_ON + 0.3
Voltage applied to any pin of the
VDDQ domain
VDDQ + 0.3
Voltage applied to any
ADC
pin
ADC0_1_AGND -
0.3
ADC0_1_AVDD + 0.3
Voltage applied to any SAR ADC
pin
ADC2_3_AGND -
0.3
ADC2_3_AVDD + 0.3
Voltage applied to any USB pin
See note(1)
1. Voltage, current, and impedance on USB*_DP and USB*_DN pins should strictly be compliant with the USB 2.0 standard,
including the following Engineering Change Notice (ECN) issued by the USB Implementers Forum:
5V Short Circuit Withstand Requirement Change ECN.
Table 30. Absolute maximum ratings (continued)
Symbol
Parameter
Limit values
Unit
Min.
Max.
ΣΔ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com