Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1275 Datasheet(PDF) 99 Page - STMicroelectronics

Part # STA1275
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1275 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STA1275 Datasheet HTML 95Page - STMicroelectronics STA1275 Datasheet HTML 96Page - STMicroelectronics STA1275 Datasheet HTML 97Page - STMicroelectronics STA1275 Datasheet HTML 98Page - STMicroelectronics STA1275 Datasheet HTML 99Page - STMicroelectronics STA1275 Datasheet HTML 100Page - STMicroelectronics STA1275 Datasheet HTML 101Page - STMicroelectronics STA1275 Datasheet HTML 102Page - STMicroelectronics STA1275 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 109 page
background image
DS12586 Rev 5
99/109
STA1295, STA1275
Electrical characteristics
106
The capturing edge is programmable and should be chosen to be the one opposite to the
launching edge of external device.
Timings are provided taking the active edge at SoC side as reference.
4.14.6
SPI interface timing
The following tables provide the timings for SSP interface.
The clock and data alignment is configurable depending on the frame format that is
selected; data is assumed to always be captured on the clock edge opposite to the
launching edge.
Timings are provided taking the active edges (capture edge for inputs and launching edge
for outputs) at SoC side as reference.
Table 63. VIP timing
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
60
MHz
—
—
CLK period
16.7
—
ns
—
CLK duty cycle
40
60
%
—
Input
TIS
2
—
ns
—
TIH
0.5
—
ns
—
Table 64. SSP - SPI (master)
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
52
MHz 25 pF
—
CLK period
19.2
—
ns
25 pF
CLK duty cycle
40
60
%
—
Input
TIS
7
—
ns
—
TIH
2
—
ns
—
Output Todly
-2
4
25 pF
Table 65. SSP- SPI (slave)
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
12
MHz 25 pF
—
CLK period
83.3
—
ns
25 pF
CLK duty cycle
40
60
%
—
Input
TIS
4
—
ns
—
TIH
—
—
ns
—
Output Todly
0
13
ns
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com