Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 35Page - Cirrus Logic CS43131 Datasheet HTML 36Page - Cirrus Logic CS43131 Datasheet HTML 37Page - Cirrus Logic CS43131 Datasheet HTML 38Page - Cirrus Logic CS43131 Datasheet HTML 39Page - Cirrus Logic CS43131 Datasheet HTML 40Page - Cirrus Logic CS43131 Datasheet HTML 41Page - Cirrus Logic CS43131 Datasheet HTML 42Page - Cirrus Logic CS43131 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 156 page
background image
DS1155F1
39
CS43131
4.5 Headphone Presence Detect and Output Load Detection
4.5.1.2 Headphone Detect Methods
CS43131 can detect the presence or absence of a plug. For a headphone-presence detect, a sense pin is connected to
a terminal on the receptacle such that, if no plug is inserted, the pin is floating. If a plug is inserted, the pin is shorted to
the tip (T) terminal. The presence detect function is accomplished by having a small current source inside the CS43131
to pull up the pin if it is left floating (no plug). If a plug is inserted and the sense pin is shorted to HPOUTA, when HP amp
is powered down, it is assumed that the sense pin is pulled low via clamps at the HP amp output. If the HP amp is running,
the sense pin is shorted to the output signal and, therefore, is pulled below a certain threshold via the output stage of the
HP amp. Thus, a low level at the sense pin indicates plug inserted, and a high level at the sense pin indicates plug
removed.
4.5.1.3 Headphone Detect Registers
This section describes the behavior and interaction of the headphone-detect debounce register fields. See Fig. 4-10 for
reference.
Figure 4-10. Headphone Detect Block Diagram
• HPDETECT_CTRL configures the operation of the HP detect circuit.
• HPDETECT_INV inverts the signal from the HP detect circuit.
• HPDETECT_FALL_DBC_TIME configures the HP_DETECT falling debounce time.
• HPDETECT_RISE_DBC_TIME configures the HP_DETECT rising debounce time.
• HPDETECT_PLUG_DBC shows the falling-edge-debounced version of HP_DETECT signal.
• HPDETECT_UNPLUG_DBC shows the rising-edge-debounced version of HP_DETECT signal.
• HPDETECT_PLUG_INT shows the headphone plug-in event status.
• HPDETECT_UNPLUG_INT shows the headphone unplug event status.
• HPDETECT_PLUG_INT_MASK is the interrupt mask of headphone plug-in event status.
• HPDETECT_UNPLUG_INT_MASK is the interrupt mask of headphone unplug event status.
4.5.1.4 Headphone Detect and Interrupts Setup Instructions
The following steps are required for activation of headphone-detect debounce interrupt status:
1. Ensure the I2C is ready to respond to control port command.
2. Clear the interrupt masks.
3. Write to HPDETECT_RISE_DBC_TIME and HPDETECT_FALL_DBC_TIME (see p. 131) to enable debounce for
presence detect plug/unplug.
4. Set HPDETECT_CTRL to 11 to enable the HPDETECT functions.
HP_DETECT
0
1
HP Detect Block
No
Delay
HP Detect
Plug/Unplug
Detect
HP Detect
Plug/Unplug Interrupt
Mask
HP Detect
Plug/Unplug Interrupt
Status
Interrupt Handler Block
INT
Read
Clears INT
FALL_DEBOUNCE
RISE DEBOUNCE
No
Delay
HP Detect
Debounced Status
HPDETECT_CTRL p. 131
HPDETECT_PLUG_INT
p. 134
HPDETECT_UNPLUG_
INT p. 134
HPDETECT_RISE_DBC_TIME p. 131
HPDETECT_FALL_DBC_TIME p. 131
HPDETECT_INV
p. 131
HPDETECT_PLUG_DBC p. 131
HPDETECT_UNPLUG_DBC
p. 132
HPDETECT_PLUG_INT_
MASK p. 137
HPDETECT_UNPLUG_
INT_MASK p. 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com