Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 58Page - Cirrus Logic CS43131 Datasheet HTML 59Page - Cirrus Logic CS43131 Datasheet HTML 60Page - Cirrus Logic CS43131 Datasheet HTML 61Page - Cirrus Logic CS43131 Datasheet HTML 62Page - Cirrus Logic CS43131 Datasheet HTML 63Page - Cirrus Logic CS43131 Datasheet HTML 64Page - Cirrus Logic CS43131 Datasheet HTML 65Page - Cirrus Logic CS43131 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 156 page
background image
62
DS1155F1
CS43131
4.14 Programmable Filter
4.14 Programmable Filter
In the CS43131, there are a series of programmable filters which is open for user's customization. The filter coefficients
can be programmed for altering frequency response or other characteristics to fit the design intention. The filter runs at the
input sample rate as set by xSP. This feature is intended to be used for normal PCM playback under single-, double-, and
quad-speed settings. (If operating at 192 kHz, MCLK_INT is required to be at 24.576 MHz.) For WBF mode and impedance
measurement mode, the filter should be properly turned off.
The filter series are composed of 1 first-order IIR system (FOS) and 3 second-order IIR system (SOS), which effectively
is a seventh-order system. FOS and SOS structures are illustrated as in Fig. 4-35 and Fig. 4-36, respectively. Any filter
stage can be chosen to be either utilized or bypassed through coefficient settings. Each stage is represented by filter
coefficients, which is accessed through I2C writes. The filter coefficients are located in register address 0x09 000C to
0x09 0041. Each coefficient is comprised of a most-significant byte, a least-significant byte, and a sign byte.
Figure 4-35. First-Order IIR System
Figure 4-36. Second-Order IIR System
The filter can only be programmed when PDN_HP is set. Program the filter coefficients when PDN_HP is cleared will result
in non-expected behavior.
To properly enable each filter's coefficients, after the coefficients is programmed in control port, user enable the control
port filter coefficients through registers Programmable Filter Control 1 and Programmable Filter Control 2. When user not
using the programmable filters, the filter should be disabled properly.
Z
‐1
b0
b1
‐a1
X[n]
Y[n]
+
+
Z
‐1
X[n]
Y[n]
Z
‐1
+
+
+
‐a2
‐a1
b0
b1
b2
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com