Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 140 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 140 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 136Page - Cirrus Logic CS43131 Datasheet HTML 137Page - Cirrus Logic CS43131 Datasheet HTML 138Page - Cirrus Logic CS43131 Datasheet HTML 139Page - Cirrus Logic CS43131 Datasheet HTML 140Page - Cirrus Logic CS43131 Datasheet HTML 141Page - Cirrus Logic CS43131 Datasheet HTML 142Page - Cirrus Logic CS43131 Datasheet HTML 143Page - Cirrus Logic CS43131 Datasheet HTML 144Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 156 page
background image
140
DS1155F1
CS43131
8 PCB Layout Considerations
8 PCB Layout Considerations
The following sections provide general guidelines for PCB layout to ensure the best performance of the CS43131.
8.1 Power Supply
As with any high-resolution converter, the CS43131 requires careful attention to power supply and grounding
arrangements if its potential performance is to be realized. Fig. 2-1 shows the recommended power arrangements with
VA and VCP connected to independent clean supplies. VL and VD, which power the digital circuitry, may be run from the
shared system logic supply.
8.2 Grounding
Note the following:
• Extensive use of power and ground planes, ground-plane fill in unused areas, and surface-mount decoupling
capacitors are recommended.
• Decoupling capacitors must be as close as possible to the CS43131 pins.
• To minimize inductance effects, the low-value ceramic capacitor must be closest to the pin and mounted on the
same side of the board as the CS43131.
• To avoid unwanted coupling into the modulators, all signals, especially clocks, must be isolated from the FILT+ and
FILT- pins.
• The FILT+ capacitors must be positioned to minimize the electrical path from the pin to VA.
• The FILT– capacitors must be positioned to minimize the electrical path from the pin to –VA.
• The VCP_FILT+ and VCP_FILT– capacitors must be positioned to minimize the electrical path from each respective
pin to GNDCP.
8.3 HPREFA and HPREFB Routing
For best interchannel isolation performance, HPREFA and HPREFB must be routed independently to the headphone
connector reference pin. The HPREFA and HPREFB are electrically connected to system’s ground plane through via at
the headphone connector ground pin. Fig. 2-1 illustrates the recommended arrangements.
For interfacing the HPREFA and HPREFB pins with an IC that performs alternate pinout headset detect functions, both
signals must be routed independently to the CS43131’s ground pin connecting the detected headset ground pole. Follow
the recommended grounding scheme of the CS43131.
8.4 QFN Thermal Pad
The CS43131 comes in a compact QFN package, the underside of which reveals a large metal pad that serves as a
thermal relief to provide maximum heat dissipation. This pad must mate with a matching copper pad on the PCB and must
be electrically connected to ground. A series of vias must be used to connect this copper pad to one or more larger ground
planes on other PCB layers. For best performance in split-ground systems, connect this thermal pad to GNDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com