Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L35 Datasheet(PDF) 121 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 121 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 117Page - Cirrus Logic CS47L35 Datasheet HTML 118Page - Cirrus Logic CS47L35 Datasheet HTML 119Page - Cirrus Logic CS47L35 Datasheet HTML 120Page - Cirrus Logic CS47L35 Datasheet HTML 121Page - Cirrus Logic CS47L35 Datasheet HTML 122Page - Cirrus Logic CS47L35 Datasheet HTML 123Page - Cirrus Logic CS47L35 Datasheet HTML 124Page - Cirrus Logic CS47L35 Datasheet HTML 125Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 300 page
background image
DS1085F3
121
CS47L35
4.7 Digital Audio Interface Control
The AIF1 data control fields are described in Table 4-44.
The AIF2 data control fields are described in Table 4-45.
Table 4-44. AIF1 Digital Audio Data Control
Register Address
Bit
Label
Default
Description
R1284 (0x0504)
AIF1_Format
2:0
AIF1_FMT[2:0]
000
AIF1 Audio Interface Format
000 = DSP Mode A
001 = DSP Mode B
010 = I2S mode
011 = Left-Justified mode
Other codes are reserved.
R1287 (0x0507)
AIF1_Frame_Ctrl_
1
13:8 AIF1TX_WL[5:0]
0x18
AIF1 TX Word Length (Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0
AIF1TX_SLOT_
LEN[7:0]
0x18
AIF1 TX Slot Length (Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1288 (0x0508)
AIF1_Frame_Ctrl_
2
13:8 AIF1RX_WL[5:0]
0x18
AIF1 RX Word Length (Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0
AIF1RX_SLOT_
LEN[7:0]
0x18
AIF1 RX Slot Length (Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1289 (0x0509)
to
R1294 (0x050E)
5:0
AIF1TX1_SLOT[5:0]
0x0
AIF1 TX Channel n Slot position
Defines the TX time slot position of the Channel n audio sample
Integer (LSB=1); Valid from 0 to 63
5:0
AIF1TX2_SLOT[5:0]
0x1
5:0
AIF1TX3_SLOT[5:0]
0x2
5:0
AIF1TX4_SLOT[5:0]
0x3
5:0
AIF1TX5_SLOT[5:0]
0x4
5:0
AIF1TX6_SLOT[5:0]
0x5
R1297 (0x0511)
to
R1302 (0x0516)
5:0
AIF1RX1_SLOT[5:0]
0x0
AIF1 RX Channel n Slot position
Defines the RX time slot position of the Channel n audio sample
Integer (LSB=1); Valid from 0 to 63
5:0
AIF1RX2_SLOT[5:0]
0x1
5:0
AIF1RX3_SLOT[5:0]
0x2
5:0
AIF1RX4_SLOT[5:0]
0x3
5:0
AIF1RX5_SLOT[5:0]
0x4
5:0
AIF1RX6_SLOT[5:0]
0x5
Table 4-45. AIF2 Digital Audio Data Control
Register Address Bit
Label
Default
Description
R1348 (0x0544)
AIF2_Format
2:0 AIF2_FMT[2:0]
000
AIF2 Audio Interface Format
000 = DSP Mode A
001 = DSP Mode B
010 = I2S mode
011 = Left-Justified mode
Other codes are reserved.
R1351 (0x0547)
AIF2_Frame_Ctrl_
1
13:8 AIF2TX_WL[5:0]
0x18 AIF2 TX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0 AIF2TX_SLOT_
LEN[7:0]
0x18 AIF2 TX Slot Length
(Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1352 (0x0548)
AIF2_Frame_Ctrl_
2
13:8 AIF2RX_WL[5:0]
0x18 AIF2 RX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0 AIF2RX_SLOT_
LEN[7:0]
0x18 AIF2 RX Slot Length
(Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1353 (0x0549)
AIF2_Frame_Ctrl_
3
5:0 AIF2TX1_
SLOT[5:0]
0x0
AIF2 TX Channel 1 Slot position
Defines the TX time slot position of the Channel 1 audio sample
Integer (LSB=1); Valid from 0 to 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com