| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 123 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 123 Page - Cirrus Logic |
|
123 / 300 page ![]() DS1085F3 123 CS47L35 4.8 SLIMbus Interface The AIF1 TDM and tristate control fields are described in Table 4-47. The AIF2 TDM and tristate control fields are described in Table 4-48. The AIF3 TDM and tristate control fields are described in Table 4-49. 4.8 SLIMbus Interface The SLIMbus protocol is highly configurable and adaptable, supporting multiple audio signal paths, and mixed sample rates simultaneously. It also supports control messaging and associated communications between devices. 4.8.1 SLIMbus Devices The SLIMbus components comprise different device classes (manager, framer, interface, generic). Each component on the bus has an interface device, which provides bus management services for the respective component. One or more components on the bus provide manager and framer device functions; the manager has the capabilities to administer the bus, although the framer is responsible for driving the CLK line and for driving the DATA required to establish the frame structure on the bus. Note that only one manager and one framer device is active at any time. The framer function can be transferred between devices when required. Generic devices provide the basic SLIMbus functionality for the associated ports, and for the transport protocol by which audio signal paths are established on the bus. 4.8.2 SLIMbus Frame Structure The SLIMbus bit stream is formatted within a defined structure of cells, slots, subframes, frames, and superframes: • A single data bit is known as a cell. • Four cells make a slot. Table 4-47. AIF1 TDM and Tristate Control Register Address Bit Label Default Description R1281 (0x0501) AIF1_Tx_Pin_Ctrl 5 AIF1TX_DAT_TRI 0 AIF1TXDAT Tristate Control 0 = Logic 0 during unused time slots 1 = Tristated during unused time slots R1283 (0x0503) AIF1_Rate_Ctrl 6 AIF1_TRI 0 AIF1 Audio Interface Tristate Control 0 = Normal 1 = AIF1 Outputs are tristated Note that this bit only affects output pins configured for the respective AIF1 function. Table 4-48. AIF2 TDM and Tristate Control Register Address Bit Label Default Description R1345 (0x0541) AIF2_Tx_Pin_Ctrl 5 AIF2TX_DAT_TRI 0 AIF2TXDAT Tristate Control 0 = Logic 0 during unused time slots 1 = Tristated during unused time slots R1347 (0x0543) AIF2_Rate_Ctrl 6 AIF2_TRI 0 AIF2 Audio Interface Tristate Control 0 = Normal 1 = AIF2 Outputs are tristated Note that this bit only affects output pins configured for the respective AIF2 function. Table 4-49. AIF3 TDM and Tristate Control Register Address Bit Label Default Description R1409 (0x0581) AIF3_Tx_Pin_Ctrl 5 AIF3TX_DAT_TRI 0 AIF3TXDAT Tristate Control 0 = Logic 0 during unused time slots 1 = Tristated during unused time slots R1411 (0x0583) AIF3_Rate_Ctrl 6 AIF3_TRI 0 AIF3 Audio Interface Tristate Control 0 = Normal 1 = AIF3 Outputs are tristated Note that this bit only affects output pins configured for the respective AIF3 function. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |