Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L35 Datasheet(PDF) 250 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 250 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 246Page - Cirrus Logic CS47L35 Datasheet HTML 247Page - Cirrus Logic CS47L35 Datasheet HTML 248Page - Cirrus Logic CS47L35 Datasheet HTML 249Page - Cirrus Logic CS47L35 Datasheet HTML 250Page - Cirrus Logic CS47L35 Datasheet HTML 251Page - Cirrus Logic CS47L35 Datasheet HTML 252Page - Cirrus Logic CS47L35 Datasheet HTML 253Page - Cirrus Logic CS47L35 Datasheet HTML 254Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 300 page
background image
250
DS1085F3
CS47L35
6 Register Map
R1601
(641h)
PWM1MIX_Input_1_
Volume
00
000
000
PWM1MIX_VOL1 [6:0]
0
0080h
R1602
(642h)
PWM1MIX_Input_2_
Source
PWM1MIX
_STS2
0
000
000
PWM1MIX_SRC2 [7:0]
0000h
R1603
(643h)
PWM1MIX_Input_2_
Volume
00
000
000
PWM1MIX_VOL2 [6:0]
0
0080h
R1604
(644h)
PWM1MIX_Input_3_
Source
PWM1MIX
_STS3
0
000
000
PWM1MIX_SRC3 [7:0]
0000h
R1605
(645h)
PWM1MIX_Input_3_
Volume
00
000
000
PWM1MIX_VOL3 [6:0]
0
0080h
R1606
(646h)
PWM1MIX_Input_4_
Source
PWM1MIX
_STS4
0
000
000
PWM1MIX_SRC4 [7:0]
0000h
R1607
(647h)
PWM1MIX_Input_4_
Volume
00
000
000
PWM1MIX_VOL4 [6:0]
0
0080h
R1608
(648h)
PWM2MIX_Input_1_
Source
PWM2MIX
_STS1
0
000
000
PWM2MIX_SRC1 [7:0]
0000h
R1609
(649h)
PWM2MIX_Input_1_
Volume
00
000
000
PWM2MIX_VOL1 [6:0]
0
0080h
R1610
(64Ah)
PWM2MIX_Input_2_
Source
PWM2MIX
_STS2
0
000
000
PWM2MIX_SRC2 [7:0]
0000h
R1611
(64Bh)
PWM2MIX_Input_2_
Volume
00
000
000
PWM2MIX_VOL2 [6:0]
0
0080h
R1612
(64Ch)
PWM2MIX_Input_3_
Source
PWM2MIX
_STS3
0
000
000
PWM2MIX_SRC3 [7:0]
0000h
R1613
(64Dh)
PWM2MIX_Input_3_
Volume
00
000
000
PWM2MIX_VOL3 [6:0]
0
0080h
R1614
(64Eh)
PWM2MIX_Input_4_
Source
PWM2MIX
_STS4
0
000
000
PWM2MIX_SRC4 [7:0]
0000h
R1615
(64Fh)
PWM2MIX_Input_4_
Volume
00
000
000
PWM2MIX_VOL4 [6:0]
0
0080h
R1664
(680h)
OUT1LMIX_Input_1_
Source
OUT1LMIX
_STS1
0
0
0
0
0
0
0
OUT1LMIX_SRC1 [7:0]
0000h
R1665
(681h)
OUT1LMIX_Input_1_
Volume
00
000
000
OUT1LMIX_VOL1 [6:0]
0
0080h
R1666
(682h)
OUT1LMIX_Input_2_
Source
OUT1LMIX
_STS2
0
0
0
0
0
0
0
OUT1LMIX_SRC2 [7:0]
0000h
R1667
(683h)
OUT1LMIX_Input_2_
Volume
00
000
000
OUT1LMIX_VOL2 [6:0]
0
0080h
R1668
(684h)
OUT1LMIX_Input_3_
Source
OUT1LMIX
_STS3
0
0
0
0
0
0
0
OUT1LMIX_SRC3 [7:0]
0000h
R1669
(685h)
OUT1LMIX_Input_3_
Volume
00
000
000
OUT1LMIX_VOL3 [6:0]
0
0080h
R1670
(686h)
OUT1LMIX_Input_4_
Source
OUT1LMIX
_STS4
0
0
0
0
0
0
0
OUT1LMIX_SRC4 [7:0]
0000h
R1671
(687h)
OUT1LMIX_Input_4_
Volume
00
000
000
OUT1LMIX_VOL4 [6:0]
0
0080h
R1672
(688h)
OUT1RMIX_Input_1_
Source
OUT1RMI
X_STS1
0
000
000
OUT1RMIX_SRC1 [7:0]
0000h
R1673
(689h)
OUT1RMIX_Input_1_
Volume
00
000
000
OUT1RMIX_VOL1 [6:0]
0
0080h
R1674
(68Ah)
OUT1RMIX_Input_2_
Source
OUT1RMI
X_STS2
0
000
000
OUT1RMIX_SRC2 [7:0]
0000h
R1675
(68Bh)
OUT1RMIX_Input_2_
Volume
00
000
000
OUT1RMIX_VOL2 [6:0]
0
0080h
R1676
(68Ch)
OUT1RMIX_Input_3_
Source
OUT1RMI
X_STS3
0
000
000
OUT1RMIX_SRC3 [7:0]
0000h
R1677
(68Dh)
OUT1RMIX_Input_3_
Volume
00
000
000
OUT1RMIX_VOL3 [6:0]
0
0080h
R1678
(68Eh)
OUT1RMIX_Input_4_
Source
OUT1RMI
X_STS4
0
000
000
OUT1RMIX_SRC4 [7:0]
0000h
R1679
(68Fh)
OUT1RMIX_Input_4_
Volume
00
000
000
OUT1RMIX_VOL4 [6:0]
0
0080h
R1712
(6B0h)
OUT4LMIX_Input_1_
Source
OUT4LMIX
_STS1
0
0
0
0
0
0
0
OUT4LMIX_SRC1 [7:0]
0000h
R1713
(6B1h)
OUT4LMIX_Input_1_
Volume
00
000
000
OUT4LMIX_VOL1 [6:0]
0
0080h
R1714
(6B2h)
OUT4LMIX_Input_2_
Source
OUT4LMIX
_STS2
0
0
0
0
0
0
0
OUT4LMIX_SRC2 [7:0]
0000h
R1715
(6B3h)
OUT4LMIX_Input_2_
Volume
00
000
000
OUT4LMIX_VOL2 [6:0]
0
0080h
R1716
(6B4h)
OUT4LMIX_Input_3_
Source
OUT4LMIX
_STS3
0
0
0
0
0
0
0
OUT4LMIX_SRC3 [7:0]
0000h
R1717
(6B5h)
OUT4LMIX_Input_3_
Volume
00
000
000
OUT4LMIX_VOL3 [6:0]
0
0080h
R1718
(6B6h)
OUT4LMIX_Input_4_
Source
OUT4LMIX
_STS4
0
0
0
0
0
0
0
OUT4LMIX_SRC4 [7:0]
0000h
Table 6-1. Register Map Definition—16-bit region (Cont.)
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com