Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED001B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 2Page - STMicroelectronics HVLED001B Datasheet HTML 3Page - STMicroelectronics HVLED001B Datasheet HTML 4Page - STMicroelectronics HVLED001B Datasheet HTML 5Page - STMicroelectronics HVLED001B Datasheet HTML 6Page - STMicroelectronics HVLED001B Datasheet HTML 7Page - STMicroelectronics HVLED001B Datasheet HTML 8Page - STMicroelectronics HVLED001B Datasheet HTML 9Page - STMicroelectronics HVLED001B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Pin settings
HVLED001B
6/33
DS12748 Rev 2
3
Pin settings
Figure 4. Pin connection
Table 2. Pin description
Symbol Pin
Description
HVSU
1
High voltage startup and input voltage detection.
The pin, able to withstand 800 V, is to be tied to the input voltage using a low value resistor (1 k
typ.). It embeds the internal start-up unit that charges the capacitor connected between the VCC pin
and GND pin during startup and low consumption.
During operational mode, the voltage at this pin is used to both measure the input voltage and
detect input over-voltages.
N.C.
2
Not connected pin.
TOFF
3
A blanking time, starting from first valley detection, can be set applying a voltage to this pin. This
variable blanking time is used to skip resonant valleys and, then, to fold back the operating
frequency. A null blanking time is obtained leaving the pin unconnected.
FB
4
Output of the error amplifier of primary side regulation loop regulation.
The pin is intended to be connected to the compensation network for primary side regulation.
An upper threshold VOFP detects an overload.
Burst mode is also related to the voltage applied to this pin.
OPTO
5
Input for optocoupler in secondary side control loop.
This pin is intended to be connected to the collector of the optocoupler.
The OPTO pin voltage is internally applied to an OR structure together with FB voltage to feed the
internal multiplier.
Low consumption mode is invoked pulling this pin lower than the VOPTO,dis threshold that features
as burst mode level when OPTO is in use.
ZCD
6
Multiple function pin able to detect the Zero Current instant, to sense the output voltage for the
primary side regulation and the input voltage for brownout detection. A negative-going edge triggers
the MOSFET's turn-on, while an internal starter unit is active to generate the triggering signal when
not externally available (e.g. startup).
CS
7
Input to the current sense comparator for the power regulation.
A second level overcurrent (OCP) threshold detects abnormal currents (e.g.: due to transformer's
saturation) and, on this occurrence, activates the second level overcurrent protection procedure.
GND
8
Reference pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com