Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED001B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 3Page - STMicroelectronics HVLED001B Datasheet HTML 4Page - STMicroelectronics HVLED001B Datasheet HTML 5Page - STMicroelectronics HVLED001B Datasheet HTML 6Page - STMicroelectronics HVLED001B Datasheet HTML 7Page - STMicroelectronics HVLED001B Datasheet HTML 8Page - STMicroelectronics HVLED001B Datasheet HTML 9Page - STMicroelectronics HVLED001B Datasheet HTML 10Page - STMicroelectronics HVLED001B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DS12748 Rev 2
7/33
HVLED001B
Pin settings
33
GD
9
Gate driver output.
The output stage is able to drive the power MOSFET's and IGBT's gate.
VCC
10
Supply voltage of the IC.
Internal UVLO logic prevents the operation at voltages that are insufficient for the efficient gate
driving or signal processing.
Both a bulk capacitor (typically around 22 μF) and a high frequency filter capacitor (100 nF ceramic,
mounted as close as possible to the device) are connected between this pin and GND.
An internal clamp structure prevents accidental low energy spikes damaging the device.
Table 2. Pin description (continued)
Symbol Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com