Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED001B Datasheet(PDF) 27 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 23Page - STMicroelectronics HVLED001B Datasheet HTML 24Page - STMicroelectronics HVLED001B Datasheet HTML 25Page - STMicroelectronics HVLED001B Datasheet HTML 26Page - STMicroelectronics HVLED001B Datasheet HTML 27Page - STMicroelectronics HVLED001B Datasheet HTML 28Page - STMicroelectronics HVLED001B Datasheet HTML 29Page - STMicroelectronics HVLED001B Datasheet HTML 30Page - STMicroelectronics HVLED001B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DS12748 Rev 2
27/33
HVLED001B
Application information
33
7.4.2
High voltage startup
High voltage startup (HVSU) circuitry is primarily intended to provide the start-up current to
the VCC pin and maintain the IC responsive during low consumption modes.
This structure is able to sustain at least 800 V to avoid any damage in case of a surge or
burst on the stage's input.
The overall structure is OFF until input voltage reaches VHVSU,start threshold; after that it
sources a minimum current (Icharge,su) to charge the VCC pin up to Vcc,su threshold. This
condition prevents the IC from severe damage in the case of short-circuit on the VCC pin.
At this VCC voltage a higher current (Icharge) is provided to VCC to reach the VCC,on
threshold. On this occurrence the ramp-up mode is invoked and the HVSU is turned off.
During other active mode phases and stop mode the HVSU is OFF.
If low consumption mode is entered, the HVSU unit is turned on.
Table 7 summarizes the HVSU behavior in all IC conditions.
7.5
Auto restart timer (ART)
The Auto Restart Timer unit is responsible for the generation of the protection's intervals
and of the restart times after low consumption mode. A summary of all possible
combinations of times is described in each protection section.
Table 7. HVSU operating modes
Operating condition
VCC range
OFF Icharge,su Icharge
All states if VIN < VHVSU,ON
X
-
-
Startup (logic startup)
0 V … Vcc,su
-
X
-
Startup (IC startup)
Vcc,su … Vcc,on
-
-
X
Active mode and Ramp-up mode
Vcc,su … VCC,MAX
X
-
-
Stop mode
Vcc,su … VCC,MAX
X
-
-
Low consumption mode
Vcc,su
Vcc,on (rising)
-
-
X
Low consumption mode
(after the end of entering conditions)
Vcc,su … Vcc,on
-
-
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com