Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED001B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 1 Page - STMicroelectronics

  HVLED001B Datasheet HTML 1Page - STMicroelectronics HVLED001B Datasheet HTML 2Page - STMicroelectronics HVLED001B Datasheet HTML 3Page - STMicroelectronics HVLED001B Datasheet HTML 4Page - STMicroelectronics HVLED001B Datasheet HTML 5Page - STMicroelectronics HVLED001B Datasheet HTML 6Page - STMicroelectronics HVLED001B Datasheet HTML 7Page - STMicroelectronics HVLED001B Datasheet HTML 8Page - STMicroelectronics HVLED001B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
January 2019
DS12748 Rev 2
1/33
HVLED001B
High power factor flyback controller with constant voltage
primary-sensing and ultra-low standby consumption
Datasheet - Production data
Features
 Quasi resonant (QR) topology
 Primary side regulation of output voltage
 Direct optocoupler connection for current loop
regulation with feedback disconnection
detection
 800 V high voltage startup
 High power factor and low THD in universal
range
 High efficiency and output stability in wide
voltage and current range
 Extremely low standby power at no load
condition
 Programmable frequency foldback
 Integrated input voltage detection for high
power factor capability and protection
triggering
 Latch-free device guarantee by smart auto-
reload timer (ART)
 0-10 and PWM dimming compatible
 Remote control pin
Applications
 Single-stage LED drivers with high power
factor
 Two-stage LED drivers
Description
The HVLED001B is an enhanced peak current
mode controller able to control mainly high power
factor (HPF) flyback or buck-boost. Some other
topologies such as buck, boost and SEPIC, can
also be implemented.
Primary side regulation and optocoupler control
can be applied independently on the chip, both
exploiting precise regulation and very low standby
power during no load conditions.
The innovative ST high voltage technology allows
direct connection of the HVLED001B to the input
voltage in order to both start up the device and to
monitor the input voltage, without the need for
external components.
Abnormal conditions like open circuit, output
short-circuit, input over-voltage or under-voltage
and circuit failures like open loop and overcurrent
of the main switch are effectively controlled.
A smart Auto Recover Timer (ART) function is
built in to guarantee an automatic application
recovery, without any loss of reliability.
SSOP10
Table 1. Device summary
Order code
Package
Packaging
HVLED001BY
SSOP10
Tube
HVLED001BTR
Tape and reel
www.st.com


Similar Part No. - HVLED001B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
800 V high voltage start-up
13-Jan-2015
HVLED001A STMICROELECTRONICS-HVLED001A Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001ATR STMICROELECTRONICS-HVLED001ATR Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
More results

Similar Description - HVLED001B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991 STMICROELECTRONICS-L5991_01 Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
STMicroelectronics
L5991AD13TR STMICROELECTRONICS-L5991AD13TR Datasheet
416Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
logo
Leadtrend Technology
LD7831 LEADTREND-LD7831 Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
LD7833V LEADTREND-LD7833V Datasheet
327Kb / 17P
High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com