Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED001B Datasheet(PDF) 22 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 18Page - STMicroelectronics HVLED001B Datasheet HTML 19Page - STMicroelectronics HVLED001B Datasheet HTML 20Page - STMicroelectronics HVLED001B Datasheet HTML 21Page - STMicroelectronics HVLED001B Datasheet HTML 22Page - STMicroelectronics HVLED001B Datasheet HTML 23Page - STMicroelectronics HVLED001B Datasheet HTML 24Page - STMicroelectronics HVLED001B Datasheet HTML 25Page - STMicroelectronics HVLED001B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Application information
HVLED001B
22/33
DS12748 Rev 2
7.2.2
Feedback input
The OPTO pin is intended to be connected directly to the collector of the optocoupler that
provides the galvanic insulation to the control loop, while the FB pin is the output of the error
amplifier for the Primary side control loop of the output voltage (PSR) (see Section 7.2.4). A
suitable pick-up capacitor can be connected to the OPTO pin while suitable compensation
network for PSR is placed between FB and ground.
The FB voltage is also used as input parameter for burst mode operation described in the
relevant paragraph.
These pins embed a protection to stop the switching activity in case of excessive power
delivery (OPP protection).
7.2.3
Zero current detection
The zero level detection is performed by a trigger logic that operates as follows:
a)
The logic is armed if ZCD voltage is higher than VZCD,arm after Tblank,min
starting from GD turn-off instant.
b)
The logic is triggered to turn on the MOSFET when a falling edge crosses ZCD,trig
threshold. A small additional delay between ZCD triggering and GD turn-on is
there to turn on the MOSFET in correspondence if the bottom of resonance valley.
The advanced ZCD logic is able to discriminate between normal operation, output short-
circuit or start-up condition.
An internal blanking time prevents any triggering signal to activate the MOSFET at the very
beginning of the OFF-time, where spurious resonances could be present. As a result, the
first falling edge occurring after the blanking time turns on the MOSFET.
To ensure a proper operation, the transformer has to be designed to guarantee that the
inductor's demagnetization time is longer than TBLANK (@ VTOFF > VTOFF,fix) when the
VCS value (Equation 1) is higher than 0.7 V (typ.).
The TOFF pin is intended to apply an additional blanking time following the first ZCD
triggering event. If the pin is left unconnected, null blanking time is provided. The
TBLANK,var value depends on TOFF voltage as illustrated in Figure 21.
An internal starter provides the triggering signal whenever a valid arming signal is not
detected.
The ZCD pin embeds a negative clamp to limit the negative going current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com