| Electronic Components Datasheet Search |
|
TC35679FSG Datasheet(PDF) 17 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35679FSG Datasheet(HTML) 17 Page - Toshiba Semiconductor |
|
17 / 45 page ![]() TC35679FSG-002 2018-01-17 17 4.3.3. Frame Format TC35679 supports the following format: Number of data bits: 8 bits (LSB first) Parity bit: no parity Stop bit: 1 stop bit Flow control: RTSX/CTSX Figure 4-6 shows UART data frame. Figure 4-6 UART data frame 4.3.4. Flow Control Function Hardware flow control is available when TC35679 UART interface is assigned to GPIO5 to GPIO8 (GPIO5, 6, 13, 14) as four-wire start-stop synchronization data transfer. Transmit flow control (CTSX) and receive flow control (RTSX). Figure 4-7 shows signals input and output direction. Figure 4-7 UART connection example CTSX (Clear to Send) input signal is used for UART transmitting. Low input indicates the peer device (for example, the host in the Figure 4-7) is ready to receive data, and TC35679 sends data if it has data to transmit. On the other hand, TC35679 stops transmitting on the basis of UART unit frame when CTSX input is high. RTSX (Request to Send) output signal is used for UART receiving. Low output indicates TC35679 is ready to receive data and requests data to the peer device. TC35679 outputs RTSX low when ready to receive data. When the UART becomes busy and cannot receive data, TC35679 outputs RTSX high, and stops UART communication on the basis of UART unit frame. Response time of UART transmitting and receiving to flow control signals is between 1 frame to 4 frames depending on the baud rate and internal process status of frame. TC35679 UART Request To Send (RTSX) UART Clear To Send (CTSX) UART Received Data (RX) UART Transmitted Data (TX) HOST CPU UART Transmit data: TX UART Transmit flow control: CTSX 1 LSB 2 3 4 5 6 MSB Start bit Stop bit UART Receive data: RX UART Receive flow control: RTSX 1 LSB 2 3 4 5 6 MSB Start bit Stop bit Over Sampling (× 12 to 17) /bit 1 2 3 4 5 6 7 8 9 10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |