| Electronic Components Datasheet Search |
|
TC35679FSG Datasheet(PDF) 22 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35679FSG Datasheet(HTML) 22 Page - Toshiba Semiconductor |
|
22 / 45 page ![]() TC35679FSG-002 2018-01-17 22 4.4.3. Frame Format When the SPI interface is connected to external ICs, the first 8 bit (X7 to X0) specifies the address and read or write mode. The command recognition code type and the address bit width should be determined by the external IC in use. For more information in detail, please refer to the technical documents for the external IC. Figure 4-12 shows an example where 8-bit address is written and then 8-bit data is read. Figure 4-13 shows an example where 8-bit address is written and then 8-bit data is written. Figure 4-12 SPI format (single byte read) Figure 4-13 SPI format (single byte write) Bit clock X7 MSB LSB Serial data (write) D7 D2 D0 LSB Serial data (read) Chip select D1 MSB X1 X0 Bit clock X7 MSB LSB Serial data (write) X1 X0 D7-2 D0 LSB Serial data (read) Chip select D1 MSB X1 D7 D1 X0 D0 MSB X7 MSB LSB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |