| Electronic Components Datasheet Search |
|
TC35679FSG Datasheet(PDF) 25 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35679FSG Datasheet(HTML) 25 Page - Toshiba Semiconductor |
|
25 / 45 page ![]() TC35679FSG-002 2018-01-17 25 4.5.4. Frame Format For I2C format, TC35679 first generates start condition. Then, it sends device recognition address (7 bit: [A6:A0]) and the first byte address ([B7:B0]) for the access target. Next, it goes for read or write sequence. For I2C, every data is sent as MSB first. How to specify the value and byte address of the device identification address, and it has been determined in accordance with the device to be connected. In order to be connected, it must match the device to be connected. For read operation, TC35679 returns to the serial memory either receive acknowledge bit (ACK) or receive not acknowledge bit (NACK) every time it receives one byte. For write operation, TC35679 receives either ACK or NACK from the serial memory every time it sends one byte. It can handle not only one byte but also several bytes in a row. TC35679 generates stop condition when it has finished all the read or write of data. Figure 4-16 shows an example where TC35679 reads two-byte data. Figure 4-17 shows an example where TC35679 writes two-byte data. In these examples, gray texts and lines indicate signals that are given by the serial memory. For read operation, after having read the final byte data, TC35679 returns NACK with which the serial memory gets to know the completion of the read operation. Figure 4-16 I 2 C format (Serial memory, read) Figure 4-17 I 2 C format (Serial memory, write) Serial clock A6 MSB LSB Serial data Start condition A0 B0 W ACK ACK D7 D0 LSB MSB B7 MSB LSB ACK Stop condition D7 D0 LSB MSB ACK Serial clock A6 MSB LSB Start condition A0 B0 W ACK ACK A6 D7 D0 LSB MSB A0 LSB MSB B7 MSB LSB R ACK NAC Stop condition D7 D0 LSB MSB ACK Start condition Serial data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |