| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 196 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 196 Page - Freescale Semiconductor, Inc |
|
196 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 4-10 Freescale Semiconductor Reset, Clocking, and Initialization NOTE If the JTAG signals are not used, TRST may be tied inactive; however it is recommended that TRST not remain asserted after the negation of HRESET. TRST may be connected directly to HRESET. There is no need to assert the SRESET signal when HRESET is asserted. If SRESET is asserted upon negation of HRESET, the POR sequence will be paused until SRESET is negated. 5. The MPC8540 enables I/O drivers. 6. The MPC8540 PCI/PCI-X interface can assert DEVSEL in response to configuration cycles. 7. The e500 PLL configuration inputs are applied, allowing the e500 PLL to begin locking to the device clock (the CCB clock). 8. The CCB clock is cycled for approximately 50 µs to lock the e500 PLL. 9. The internal hard reset to the e500 core is negated and soft resets are negated to the DLLs and other remaining I/O blocks. The DLLs begin to lock. 10. When DLL locking is completed, the boot sequencer is released, causing it to load configuration data from serial ROMs, if enabled, as described in Section 4.4.3.6, “Boot Sequencer Configuration.” 11. When the boot sequencer completes, the RapidIO interface begins training, the PCI interface is released to accept external requests, and the boot vector fetch by the e500 core is allowed to proceed unless processor booting is further held off by POR configuration inputs as described in Section 4.4.3.5, “CPU Boot Configuration.” The MPC8540 is now in its ready state. 12. The ASLEEP signal negates synchronized to a rising edge of SYSCLK, indicating the ready state. The ready state is also indicated by the assertion of READY/TRIG_OUT if TOSR[SEL] = 000. In this case, READY is asserted with the same rising edge of SYSCLK, to indicate that the device has reached its ready state. See Section 20.3.4.1, “Trigger Out Source Register (TOSR),” for more information on this register. Asserting READY allows external system monitors to know basic device status. For example, exactly when it emerges from reset, or if the device is in a low-power mode. For more information on the debug functions of TRIG_OUT, see Section 20.3.4, “Trigger Out Function.” For more information about power management states, see Section 18.4.1, “Register Descriptions.” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |