| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 197 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 197 Page - Freescale Semiconductor, Inc |
|
197 / 1302 page ![]() Functional Description MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Freescale Semiconductor 4-11 Figure 4-5 shows a timing diagram of the POR sequence. Figure 4-5. Power-On Reset Sequence 4.4.3 Power-On Reset Configuration Various device functions are initialized by sampling certain signals during the assertion of HRESET. The values of all these signals are sampled into registers while HRESET is asserted. These inputs are to be pulled high or low by external resistors. During HRESET, all other signal drivers connected to these signals must be in the high-impedance state. Most POR configuration signals have internal pull-up resistors so that if the desired setting is high, there is no need for a pull-up resistor on the board. Other POR configuration signals do not use pull-ups and, therefore, must be pulled high or low. Refer to the MPC8540Integrated Processor Hardware Specifications for proper resistor values to be used for pulling POR configuration signals high or low. This section describes the functions and modes configured by POR configuration signals. Note that many reset configuration settings are accessible to software through the following read-only memory-mapped registers described in Chapter 18, “Global Utilities.” SYSCLK HRESET TRESET SRESET (high impedance) HRESET_REQ POR Configs PLL Configs READY1 ASLEEP (High Impedance) (High Impedance) 1 Multiplexed with TRIG_OUT. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |