Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 59Page - STMicroelectronics STM32W108HB Datasheet HTML 60Page - STMicroelectronics STM32W108HB Datasheet HTML 61Page - STMicroelectronics STM32W108HB Datasheet HTML 62Page - STMicroelectronics STM32W108HB Datasheet HTML 63Page - STMicroelectronics STM32W108HB Datasheet HTML 64Page - STMicroelectronics STM32W108HB Datasheet HTML 65Page - STMicroelectronics STM32W108HB Datasheet HTML 66Page - STMicroelectronics STM32W108HB Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
63/278
Sleep timer count high register (SLPTMR_CNTH)
Address:
0x4000 6010
Reset value:
0x0000 0000
Reserved, must be kept at reset value
CNTH[15:0]: Sleep timer counter high value
Bit 10 DBGP: Debug pause
0: The timer continues working in Debug mode.
1: The timer is paused in Debug mode when the CPU is halted.
Bits [9:8] Reserved, must be kept at reset value
Bits [7:4] PSC[3:0]: Sleep timer prescaler setting
Divides clock by 2N where N = 0 to 15.
Can only be changed when the EN is set to ‘0’.
Bits [3:1] Reserved, must be kept at reset value
Bit 0 CLKSEL: Clock select
0: Calibrated 1kHz RC clock (default); 1: 32kHz.
Can only be changed when the EN is set to ‘0’.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CNTH[15:0]
rrr
rrr
r
r
r
r
r
r
r
r
r
r
Bits [31:16]
Bits [15:0]
Reading this register updates the SLEEP_CNTL for subsequent reads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com