Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 96Page - STMicroelectronics STM32W108HB Datasheet HTML 97Page - STMicroelectronics STM32W108HB Datasheet HTML 98Page - STMicroelectronics STM32W108HB Datasheet HTML 99Page - STMicroelectronics STM32W108HB Datasheet HTML 100Page - STMicroelectronics STM32W108HB Datasheet HTML 101Page - STMicroelectronics STM32W108HB Datasheet HTML 102Page - STMicroelectronics STM32W108HB Datasheet HTML 103Page - STMicroelectronics STM32W108HB Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 278 page
background image
General-purpose input/output
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
100/278
Doc ID 16252 Rev 14
8.5.7
External interrupt pending register (EXTI_PR)
Address offset: 0xA814
Reset value:
0x0000 0000
Reserved, must be kept at reset value
IRQDP: EXTI D pending flag
IRQCP: EXTI C pending flag
IRQBP: EXTI B pending flag
IRQAP: EXTI A pending flag
8.5.8
External interrupt x trigger selection register (EXTIx_TSR)
Address offset: 0xA860 (EXTIA_TSR), 0xA864 (EXTIB_TSR),
0xA868 (EXTIC_TSR) and 0xA86C (EXTID_TSR)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
FILTEN:
INTMOD[2:0]: EXTIx triggering mode
0x4: Active high level triggered
0x5: Active low level triggered
0x6, 0x7: Reserved, must be kept at reset
value
Reserved, must be kept at reset value
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
IRQDP
IRQCP
IRQBP
IRQAP
rw
rw
rw
rw
Bits [31:4]
Bit 3
Bit 2
Bit 1
Bit 0
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
FILTEN
INTMOD[2:0]
Reserved
rw
rw
rw
rw
Bits [31:9]
Bit [8]
Set this bit to enable digital filtering on IRQx.
Bits [7:5]
0x0: Disabled
0x1: Rising edge triggered
0x2: Falling edge triggered
0x3: Rising and falling edge triggered.
Bits [4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com