Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 85Page - STMicroelectronics STM32W108HB Datasheet HTML 86Page - STMicroelectronics STM32W108HB Datasheet HTML 87Page - STMicroelectronics STM32W108HB Datasheet HTML 88Page - STMicroelectronics STM32W108HB Datasheet HTML 89Page - STMicroelectronics STM32W108HB Datasheet HTML 90Page - STMicroelectronics STM32W108HB Datasheet HTML 91Page - STMicroelectronics STM32W108HB Datasheet HTML 92Page - STMicroelectronics STM32W108HB Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose input/output
Doc ID 16252 Rev 14
89/278
8.1.2
Configuration
Each pin has a 4-bit configuration value in the GPIOx_CRH/L register. The various GPIO
modes and their 4 bit configuration values are shown in Table 13.
Analog
Analog input or output. When in analog mode, the
digital input (GPIOx_IDR) always reads 1.
Input (floating)
Digital input without an internal pull up or pull
down. Output is disabled.
Input (pull-up or pull-down)
Digital input with an internal pull up or pull down. A
set bit in GPIOx_ODR selects pull up and a cleared
bit selects pull down. Output is disabled.
Output (push-pull)
Push-pull output. GPIOx_ODR controls the output.
Output (open-drain)
Open-drain output. GPIOx_ODR controls the
output. If a pull up is required, it must be external.
Alternate Output (push-pull)
Push-pull output. An onboard peripheral controls
the output.
Alternate Output
(open-drain)
0xD
Open-drain output. An onboard peripheral controls
the output. If a pull up is required, it must be
external.
Alternate Output (push-pull)
SPI SCLK Mode
0xB
Push-pull output mode only for SPI master mode
SCLK pins.
If a GPIO has two peripherals that can be the source of alternate output mode data, then
other registers in addition to GPIOx_CRH/L determine which peripheral controls the output.
Several GPIOs share an alternate output with Timer 2 and the Serial Controllers. Bits in
Timer 2's TIM2_OR register control routing Timer 2 outputs to different GPIOs. Bits in Timer
2's TIM2_CCER register enable Timer 2 outputs. When Timer 2 outputs are enabled they
override Serial Controller outputs. Table 14 indicates the GPIO mapping for Timer 2 outputs
depending on the bits in the register TIM2_OR. Refer to Section 10: General-purpose timers
on page 155 for complete information on timer configuration.
For outputs assigned to the serial controllers, the serial interface mode registers (SCx_CR)
determine how the GPIO pins are used.
Table 13.
GPIO configuration modes
GPIO mode
GPIOx_CRH/L
Description
0x0
0x4
0x8
0x1
0x5
0x9
Table 14.
Timer 2 output configuration controls
Timer 2 output
Option register bit
GPIO mapping selected by TIM2_OR bit
01
TIM2_CH1
TIM2_OR[4]
PA0
PB1
TIM2_CH2
TIM2_OR[5]
PA3
PB2
TIM2_CH3
TIM2_OR[6]
PA1
PB3
TIM2_CH4
TIM2_OR[7]
PA2
PB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com