| Electronic Components Datasheet Search |
|
STM32W108HB Datasheet(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108HB Datasheet(HTML) 87 Page - STMicroelectronics |
|
87 / 278 page ![]() STM32W108HB STM32W108CC STM32W108CB STM32W108CZ General-purpose input/output Doc ID 16252 Rev 14 87/278 8 General-purpose input/output The STM32W108 has 24 multi-purpose GPIO pins that may be individually configured as: ● General purpose output ● General purpose open-drain output ● Alternate output controlled by a peripheral device ● Alternate open-drain output controlled by a peripheral device ● Analog ● General purpose input ● General purpose input with pull-up or pull-down resistor The basic structure of a single GPIO is illustrated in Figure 9. Figure 9. GPIO block diagram A Schmitt trigger converts the GPIO pin voltage to a digital input value. The digital input signal is then always routed to the GPIOx_IDR register; to the alternate inputs of associated peripheral devices; to wake detection logic if wake detection is enabled; and, for certain pins, to interrupt generation logic. Configuring a pin in analog mode disconnects the digital input from the pin and applies a high logic level to the input of the Schmitt trigger. Only one device at a time can control a GPIO output. The output is controlled in normal output mode by the GPIOx_ODR register and in alternate output mode by a peripheral device. When in input mode or analog mode, digital output is disabled. GPIOx_ODR GPIOx_BSR GPIOx_WAKER Alternate output Analog functions Wake detection PIN Alternate input VDD_PADS GND VDD_PADS GND Output control (push pull , open drain , or disabled ) Schmitt trigger VDD_PADS GND Protection diode Protection diode P-MOS N-MOS GPIOx_CRH/L GPIOx_IDR GPIOx_BRR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |