Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640FT Datasheet(PDF) 68 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 68 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 64Page - STMicroelectronics M29W640FT Datasheet HTML 65Page - STMicroelectronics M29W640FT Datasheet HTML 66Page - STMicroelectronics M29W640FT Datasheet HTML 67Page - STMicroelectronics M29W640FT Datasheet HTML 68Page - STMicroelectronics M29W640FT Datasheet HTML 69Page - STMicroelectronics M29W640FT Datasheet HTML 70Page - STMicroelectronics M29W640FT Datasheet HTML 71Page - STMicroelectronics M29W640FT Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
9 Part Numbering
M29W640FT, M29W640FB
68/72
Figure 17. Programmer Equipment Chip Unprotect Flowchart
1.
Block Protection Groups are shown in Appendix A, Tables 20 and 21.
PROTECT ALL GROUPS
AI11556
A6, A12, A15 = VIH
(1)
E, G, A9 = VID
DATA
W = VIH
E, G = VIH
ADDRESS = CURRENT GROUP ADDRESS
A0, A2, A3 = VIL, A1 =VIH,
A6 =VIL, A9 = VID, Others = X
Wait 10ms
=
00h
INCREMENT
CURRENT GROUP
n = 0
CURRENT GROUP = 0
Wait 4
µs
W = VIL
++n
= 1000
START
YES
YES
NO
NO
LAST
GROUP
YES
NO
E = VIL
Wait 4
µs
G = VIL
Wait 60ns
Read DATA
FAIL
PASS
A9 = VIH
E, G = VIH
A9 = VIH
E, G = VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com