Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640FT Datasheet(PDF) 29 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 25Page - STMicroelectronics M29W640FT Datasheet HTML 26Page - STMicroelectronics M29W640FT Datasheet HTML 27Page - STMicroelectronics M29W640FT Datasheet HTML 28Page - STMicroelectronics M29W640FT Datasheet HTML 29Page - STMicroelectronics M29W640FT Datasheet HTML 30Page - STMicroelectronics M29W640FT Datasheet HTML 31Page - STMicroelectronics M29W640FT Datasheet HTML 32Page - STMicroelectronics M29W640FT Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
M29W640FT, M29W640FB
4 Command Interface
29/72
Table 7.
Program, Erase Times and Program, Erase Endurance Cycles
Parameter
Min
Typ(1) (2)
1.
Typical values measured at room temperature and nominal voltages.
2.
Sampled, but not 100% tested.
Max(2)
Unit
Chip Erase
80
400
(3)
3.
Maximum value measured at worst case conditions for both temperature and VCC after 100,00 program/erase cycles.
s
Block Erase (64 KBytes)
0.8
6(4)
s
Erase Suspend Latency Time
50(4)
4.
Maximum value measured at worst case conditions for both temperature and VCC.
µs
Program (Byte or Word)
10
200(3)
µs
Double Byte
10
200(3)
µs
Double Word /Quadruple Byte Program
10
200(3)
µs
Quadruple Word / Octuple Byte Program
10
200(3)
µs
Chip Program (Byte by Byte)
80
400(3)
s
Chip Program (Word by Word)
40
200(3)
s
Chip Program (Double Word/Quadruple Byte Program)
20
100(3)
s
Chip Program (Quadruple Word/Octuple Byte Program)
10
50(3)
s
Program Suspend Latency Time4
µs
Program/Erase Cycles (per Block)
100,000
cycles
Data Retention
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com