Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640FT Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 7Page - STMicroelectronics M29W640FT Datasheet HTML 8Page - STMicroelectronics M29W640FT Datasheet HTML 9Page - STMicroelectronics M29W640FT Datasheet HTML 10Page - STMicroelectronics M29W640FT Datasheet HTML 11Page - STMicroelectronics M29W640FT Datasheet HTML 12Page - STMicroelectronics M29W640FT Datasheet HTML 13Page - STMicroelectronics M29W640FT Datasheet HTML 14Page - STMicroelectronics M29W640FT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
M29W640FT, M29W640FB
2 Signal descriptions
11/72
2
Signal descriptions
See Figure 1: Logic Diagram, and Table 1: Signal Names, for a brief overview of the signals
connected to this device.
2.1
Address Inputs (A0-A21)
The Address Inputs select the cells in the memory array to access during Bus Read operations.
During Bus Write operations they control the commands sent to the Command Interface of the
Program/Erase Controller.
2.2
Data Inputs/Outputs (DQ0-DQ7)
The Data I/O outputs the data stored at the selected address during a Bus Read operation.
During Bus Write operations they represent the commands sent to the Command Interface of
the Program/Erase Controller.
2.3
Data Inputs/Outputs (DQ8-DQ14)
The Data I/O outputs the data stored at the selected address during a Bus Read operation
when BYTE is High, VIH. When BYTE is Low, VIL, these pins are not used and are high
impedance. During Bus Write operations the Command Register does not use these bits.
When reading the Status Register these bits should be ignored.
2.4
Data Input/Output or Address Input (DQ15A
–1)
When BYTE is High, VIH, this pin behaves as a Data Input/Output pin (as DQ8-DQ14). When
BYTE is Low, VIL, this pin behaves as an address pin; DQ15A–1 Low will select the LSB of the
addressed Word, DQ15A
–1 High will select the MSB. Throughout the text consider references
to the Data Input/Output to include this pin when BYTE is High and references to the Address
Inputs to include this pin when BYTE is Low except when stated explicitly otherwise.
2.5
Chip Enable (E)
The Chip Enable, E, activates the memory, allowing Bus Read and Bus Write operations to be
performed. When Chip Enable is High, VIH, all other pins are ignored.
2.6
Output Enable (G)
The Output Enable, G, controls the Bus Read operation of the memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com