Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640FT Datasheet(PDF) 28 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 24Page - STMicroelectronics M29W640FT Datasheet HTML 25Page - STMicroelectronics M29W640FT Datasheet HTML 26Page - STMicroelectronics M29W640FT Datasheet HTML 27Page - STMicroelectronics M29W640FT Datasheet HTML 28Page - STMicroelectronics M29W640FT Datasheet HTML 29Page - STMicroelectronics M29W640FT Datasheet HTML 30Page - STMicroelectronics M29W640FT Datasheet HTML 31Page - STMicroelectronics M29W640FT Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
4 Command Interface
M29W640FT, M29W640FB
28/72
Table 6.
Commands, 8-bit mode, BYTE = VIL
1.
X Don
’t Care, PA Program Address, PD Program Data, BA Any address in the Block. All values in the table are in
hexadecimal.
The Command Interface only uses A
–1, A0-A10 and DQ0-DQ7 to verify the commands; A11-A20, DQ8-DQ14 and DQ15
are Don
’t Care. DQ15A–1 is A–1 when BYTE is V
IL or DQ15 when BYTE is VIH.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Read/Reset
1
X
F0
3
AAA
AA
555
55X
F0
Auto Select
3
AAA
AA
555
55
AAA
90
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Double Byte
Program
3
AAA
50
PA0
PD0
PA1
PD1
PA2
PD2
Quadruple
Byte Program
5
AAA
56
PA0
PD0
PA1
PD1
PA2
PD2
PA3
PD3
Octuple Byte
Program
9
AAA
8B
PA0
PD0
PA1
PD1
PA2
PD2
PA3
PD3
PA4
PD4
PA5
PD5
PA6
PD6
PA7
PD7
Unlock
Bypass
3
AAA
AA
555
55
AAA
20
Unlock
Bypass
Program
2
X
A0
PA
PD
Unlock
Bypass Reset
2
X
90X
00
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Block Erase
6
+
AAA
AA
555
55
AAA
80
AAA
AA
555
55
BA
30
Program/
Erase
Suspend
1
X
B0
Program/
Erase
Resume
1
X
30
Read CFI
Query
1
AA
98
Enter
Extended
Block
3
AAA
AA
555
55
AAA
88
Exit Extended
Block
4
AAA
AA
555
55
AAA
90X
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com