Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640FT Datasheet(PDF) 12 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 8Page - STMicroelectronics M29W640FT Datasheet HTML 9Page - STMicroelectronics M29W640FT Datasheet HTML 10Page - STMicroelectronics M29W640FT Datasheet HTML 11Page - STMicroelectronics M29W640FT Datasheet HTML 12Page - STMicroelectronics M29W640FT Datasheet HTML 13Page - STMicroelectronics M29W640FT Datasheet HTML 14Page - STMicroelectronics M29W640FT Datasheet HTML 15Page - STMicroelectronics M29W640FT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
2 Signal descriptions
M29W640FT, M29W640FB
12/72
2.7
Write Enable (W)
The Write Enable, W, controls the Bus Write operation of the memory
’s Command Interface.
2.8
VPP/Write Protect (VPP/WP)
The VPP/Write Protect pin provides two functions. The VPP function allows the memory to use
an external high voltage power supply to reduce the time required for Unlock Bypass Program
operations. The Write Protect function provides a hardware method of protecting the two
outermost boot blocks. The VPP/Write Protect pin must not be left floating or unconnected.
When VPP/Write Protect is Low, VIL, the memory protects the two outermost boot blocks;
Program and Erase operations in this block are ignored while VPP/Write Protect is Low, even
when RP is at VID.
When VPP/Write Protect is High, VIH, the memory reverts to the previous protection status of
the two outermost boot blocks. Program and Erase operations can now modify the data in the
two outermost boot blocks unless the block is protected using Block Protection.
Applying VPPH to the VPP/WP pin will temporarily unprotect any block previously protected
(including the two outermost parameter blocks) using a High Voltage Block Protection
technique (In-System or Programmer technique). See Table 2: Hardware Protection for details.
When VPP/Write Protect is raised to VPP the memory automatically enters the Unlock Bypass
mode. When VPP/Write Protect returns to VIH or VIL normal operation resumes. During Unlock
Bypass Program operations the memory draws IPP from the pin to supply the programming
circuits. See the description of the Unlock Bypass command in the Command Interface section.
The transitions from VIH to VPP and from VPP to VIH must be slower than tVHVPP, see Figure 13:
Accelerated Program Timing Waveforms.
Never raise VPP/Write Protect to VPP from any mode except Read mode, otherwise the
memory may be left in an indeterminate state.
A 0.1
µF capacitor should be connected between the V
PP/Write Protect pin and the VSS Ground
pin to decouple the current surges from the power supply. The PCB track widths must be
sufficient to carry the currents required during Unlock Bypass Program, IPP.
Table 2.
Hardware Protection
VPP/WP
RP
Function
VIL
VIH
2 outermost parameter blocks protected from
Program/Erase operations
VID
All blocks temporarily unprotected except the 2
outermost blocks
VIH or VID
VID
All blocks temporarily unprotected
VPPH
VIH or VID
All blocks temporarily unprotected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com