Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46 Datasheet(PDF) 7 Page - Kemet Corporation

Part # R46
Description  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation R46 Datasheet HTML 10Page - Kemet Corporation R46 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Maximum Current (I
rms) Versus Frequency (Sinusoidal Waveform/Th ≤ 70°C)
0.01
0.1
1
10
0.1
1.0
10.0
100.0
Frequency (kHz)
Lead Spacing 22.5 mm
0.15 µF
0.33 µF
0.47 µF
0.68 µF
1 µF
0.01
0.1
1
10
0.1
1.0
10.0
100.0
Frequency (kHz)
Lead Spacing 10 mm
0.01 µF
0.047 µF
0.068 µF
0.01
0.1
1
10
0.1
1.0
10.0
100.0
Frequency (kHz)
Lead Spacing 15 mm
0.01 µF
0.047 µF
0.1 µF
0.15 µF
0.22 µF
0.33 µF
0.47 µF
0.01
0.1
1
10
0.1
1.0
10.0
100.0
Frequency (kHz)
Lead Spacing 27.5 mm
1 µF
1.5 µF
2.2 µF
4.7 µF
0.01
0.1
1
10
0.1
1.0
10.0
100.0
Frequency (kHz)
Lead Spacing 37.5 mm
1.5 µF
2.2 µF
4.7 µF
6.8 µF
10 µF
15 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com