Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46 Datasheet(PDF) 10 Page - Kemet Corporation

Part # R46
Description  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation R46 Datasheet HTML 10Page - Kemet Corporation R46 Datasheet HTML 11Page - Kemet Corporation R46 Datasheet HTML 12Page - Kemet Corporation R46 Datasheet HTML 13Page - Kemet Corporation R46 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Soldering Process
The implementation of the RoHS directive has resulted in the selection of SnAuCu (SAC) alloys or SnCu alloys as primary
solder material. This has increased the liquidus temperature from 183°C for SnPb eutectic alloys to 217 – 221°C for the new
alloys. As a result, the heat stress to the components, even in wave soldering, has increased considerably due to higher pre-
heat and wave temperatures. Polypropylene capacitors are especially sensitive to heat (the melting point of polypropylene
is 160 – 170°C). Wave soldering can be destructive, especially for mechanically small polypropylene capacitors (with lead
spacing of 5 – 15 mm). Great care must be taken during soldering. The recommended solder profiles from KEMET should be
used. Consult KEMET with any questions. In general, the wave soldering curve from IEC Publication 61760-1 Edition 2 serves
as a solid guideline for successful soldering. See Figure 1.
Reflow soldering is not recommended for through-hole film capacitors. Exposing capacitors to a soldering profile in excess
of the above-recommended limits may result to degradation of or permanent damage to the capacitors.
Do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components.
Insert through-hole parts after curing surface mount parts. Consult KEMET to discuss the actual temperature profile in
the oven, if through-hole components must pass through the adhesive curing process. A maximum two soldering cycles
is recommended. Allow time for the capacitor surface temperature to return to normal temperature before performing the
second soldering cycle.
Manual Soldering Recommendations
Following is the recommendation for manual
soldering with a soldering iron.
The soldering iron tip temperature should
be set at 350°C (+10°C maximum), with the
soldering duration not to exceed more than
3 seconds.
Recommended Soldering Temperature
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
6
7
8
Soldering Time (seconds)
Wave Soldering Recommendations
0
50
100
150
200
250
300
0
40
80
120
160
200
240
Time (seconds)
Cooling
2+3 seconds max
260°C
First Wave
Second Wave
∆
T < 150°C
ca. 2°C/second
ca. 3.5°C/second typical
ca. 5°C/second
Preheating
T
preheat
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com