Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46 Datasheet(PDF) 14 Page - Kemet Corporation

Part # R46
Description  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 14 Page - Kemet Corporation

Back Button R46 Datasheet HTML 10Page - Kemet Corporation R46 Datasheet HTML 11Page - Kemet Corporation R46 Datasheet HTML 12Page - Kemet Corporation R46 Datasheet HTML 13Page - Kemet Corporation R46 Datasheet HTML 14Page - Kemet Corporation R46 Datasheet HTML 15Page - Kemet Corporation R46 Datasheet HTML 16Page - Kemet Corporation R46 Datasheet HTML 17Page - Kemet Corporation R46 Datasheet HTML 18Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Marking cont.
IEC Climatic
Category
Approval
Marks
TOP
FRONT
Lead Spacing 10 mm
Manufacturer’s
Logo
Manufacturing
Plant
IEC Climatic
Category
Approval
Marks
TOP
FRONT
Series
Capacitance,
Capacitance
Tolerance,
Rated Voltage
Manufacturing
Plant
Manufacturer’s
Logo
Dielectric
Code
Safety
Class
Self
Healing
Passive
Flammability
Category
Date Code
QA Number
Capacitance Tolerance
Date Code
Capacitance,
Rated Voltage
Series,
Dielectric
Code, Safety
Class, Self
Healing
IEC Climatic
Category
Approval
Marks
TOP
FRONT
Manufacturer’s
Logo
Manufacturing
Plant
Capacitance Tolerance
Date Code
Capacitance,
Rated Voltage
Series,
Dielectric
Code, Safety
Class, Self
Healing
Passive Flammability
Category:
B for volume ≥ 1750 mm3
C for volume < 1750 mm3
Lead Spacing 22.5 and 27.5 mm (alternatives*) and 37.5 mm
NOTE: Hot imprinting with or without
color or ink jet or laser marking
NOTE: Hot imprinting with or without
color or ink jet or laser marking
*Differences are caused by technology
(clichee, laser, or ink) and production line.
Lead Spacing 15 mm, 22.5 mm, and 27.5 mm
Passive Flammability
Category:
C for volume < 1750 mm3
Slight change in the layout can be possible but this does not affect the content of the information of the current marking.
This change will be achieved without impact to product form, fit or function, as the products are equivalent with respect to physical, mechanical, quality
and reliability characteristics.
Manufacturing Date Code (IEC 60062)
Year
Code
Year
Code
Year
Code
Month
Code
Month
Code
2020
M
2027
V
2034
E
January
1
July
7
2021
N
2028
W
2035
F
February
2
August
8
2022
P
2029
X
2036
G
March
3
September
9
2023
R
2030
A
2037
H
April
4
October
O
2024
S
2031
B
2038
K
May
5
November
N
2025
T
2032
C
2039
L
June
6
December
D
2026
U
2033
D
2040
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com