Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46 Datasheet(PDF) 8 Page - Kemet Corporation

Part # R46
Description  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation R46 Datasheet HTML 10Page - Kemet Corporation R46 Datasheet HTML 11Page - Kemet Corporation R46 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Environmental Test Data
Test
IEC Publication
Procedure
Endurance
EN/IEC 60384–14
1.25 x V
R VAC 50 Hz, once every hour increase to 1,000 VAC for 0.1
second, 1,000 hours at upper rated temperature
Vibration
IEC 60068–2–6 Test Fc
3 directions at 2 hours each 10 – 55 Hz at 0.75 mm or 98 m/s2
Bump
IEC 60068–2–29 Test Eb
1,000 bumps at 390 m/s2
Change of Temperature
IEC 60068–2–14 Test Na
Upper and lower rated temperature 5 cycles
Active Flammability
IEC 60384–14
V
R + 20 surge pulses at 2.5 kV (pulse every 5 seconds)
Passive Flammability
IEC 60384–14
IEC 60384–1, IEC 60695–11–5 Needle flame test
Damp Heat Steady State
IEC 60068–2–78 Test Cab
+40°C and 93% RH, 56 days
Approvals
Certification Body
Mark
Specification
File Number
IMQ S-p.A.
EN/IEC 60384–14
CA08.00063
UL
UL 60384–14 and
CAN/CSA E60384–14
(310 VAC)
E97797
CQC
IEC 60384–14
CQC15001128630
CQC15001128703
CQC15001128705
Environmental Compliance
All KEMET EMI capacitors are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com