Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46 Datasheet(PDF) 16 Page - Kemet Corporation

Part # R46
Description  Metallized Polypropylene Film EMI Suppression Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 16 Page - Kemet Corporation

Back Button R46 Datasheet HTML 10Page - Kemet Corporation R46 Datasheet HTML 11Page - Kemet Corporation R46 Datasheet HTML 12Page - Kemet Corporation R46 Datasheet HTML 13Page - Kemet Corporation R46 Datasheet HTML 14Page - Kemet Corporation R46 Datasheet HTML 15Page - Kemet Corporation R46 Datasheet HTML 16Page - Kemet Corporation R46 Datasheet HTML 17Page - Kemet Corporation R46 Datasheet HTML 18Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3122_R46_X2_310_125C • 10/31/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Metallized Polypropylene Film EMI Suppression Capacitors
R46, Class X2, 310 VAC, 125°C
Lead Taping & Packaging (IEC 60286–2)
Taping Specification
Description
Symbol
Dimensions (mm)
Lead Space
Tol.
10
15
22.5
27.5
Fig. 1
Fig. 2
Fig. 3
Fig. 3
Lead wire diameter
d
0.6
0.6–0.8
0.8
0.8
±0.05
Taping lead space
P
25.4
25.4
38.1
38.1
±1
Feed hole lead space *
P
0
12.7
12.7
12.7
12.7
±0.2 **
Centering of the lead wire
P
1
7.7
5.2
7.8
5.3
±0.7
Centering of the body
P
2
12.7
12.7
19.05
19.05
±1.3
Lead spacing (pitch) ***
F
10
15
22.5
27.5
+0.6/−0.1
Component alignment
∆h
0
0
0
0
±2
Height of component
from tape center
H0 ****
18.5
18.5
18.5
18.5
±0.5
Carrier tape width
W
18
18
18
18
+1/−0.5
Hold down tape width
W
0
9
10
10
10
Minimum
Hole position
W
1
9
9
9
9
±0.5
Hold down tape position
W
2
3
3
3
3
Maximum
Feed hole diameter
D
0
4
4
4
4
±0.2
Total tape thickness
t
0.7
0.7
0.7
0.7
±0.2
* 15 mm also available
** Maximum of 1 mm on 20 lead spaces
*** Pitches 15 mm and 10 mm taped to 7.5 mm (crimped leads) available upon request
**** H
0 = 16.5 mm is available upon request
P
P2
P0
F
h
P1
D0
h
ød
P
P2
P1
Figure 1
Lead Spacing 10 mm
Figure 2
Lead Spacing 15 mm
Figure 3
Lead Spacing 22.5 – 27.5 mm
t
A-B
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com