Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8108 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS8108
Description  Low Power Phase-Locked Loop IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8108 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS8108 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FS8108
the wireless IC company
Page 3
June 2001
Pin Descriptions
Block Diagram
Number
Name
I/O
Description
1XIN
I
Reference crystal oscillator or external clock input with internally biased amplifier
(any external input to XIN must be ac-coupled)
2
XOUT
O
Reference crystal oscillator or external clock output
3
VDD2
POWER
Nominal 3.0 V supply voltage
4
DB
O
Single-ended quick-lock output for faster locking
5
DO
O
Single-ended charge pump output for passive low pass filter
6
VSS
GND
Ground
7FIN
I
VCO frequency input with internally biased input amplifier
(any external input to FIN must be ac-coupled)
8
VDD1
POWER
Nominal 1.0 V supply voltage
9
NC
NC
No connection
10
LD
O
Lock detector output (high when PLL is locked)
11
CLK
I
Shift register clock input
12
DATA
I
Serial data input
13
LE
I
Latch enable input
14
OPR
I
Battery-save control input; normal operation when high, stand-by mode when low
15
NC
NC
No connection
16
TEST
I
Test mode control input with internal pull-down resistor
PFD
CHARGE
PUMP
FIN
DATA
CLK
LE
TEST
XIN
CONTROL
LOGIC
N-COUNTER
R-COUNTER
SHIFT REGISTER
N-LATCH
R-LATCH
÷ 8
÷ 64/65
LD
DO
XOUT
LOCK
DETECTOR
QUICK-
DB
WINDOW
GENERATOR
OPR
LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com