Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8108 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS8108
Description  Low Power Phase-Locked Loop IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8108 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS8108 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FS8108
the wireless IC company
Page 5
June 2001
Electrical Characteristics
(V
DD1 = 0.95 to 2.0 V, VDD2 = 2.7 to 3.3 V, VSS = 0 V, TA = 0 to 60°C unless otherwise noted)
Parameter
Symbol
Condition
Value
Unit
min.
typ.
max.
Current consumption
I
DD,total
V
DD1 = 1.0 V, OPR=”H”,
V
FIN = 0.3 Vpk-pk sinusoid,
f
FIN = 100 MHz,
V
XIN = 0.3 Vpk-pk sinusoid,
f
XIN = 12.8 MHz
0.40
1.10
mA
Standby current consumption (I
DD2)IDD,standby
V
DD1 = 0 V, OPR=”L”
10
µA
FIN max. operating frequency
f
FIN,max
V
FIN = 0.3 Vpk-pk sinusoid
100
MHz
FIN min. operating frequency
f
FIN,min
V
FIN = 0.3 Vpk-pk sinusoid
40
MHz
XIN max. operating frequency
f
XIN,max
V
XIN = 0.3 Vpk-pk sinusoid
22
MHz
XIN min. operating frequency
f
XIN,min
V
XIN = 0.3 Vpk-pk sinusoid
7MHz
FIN input voltage swing
V
FIN
0.3
V
pk-pk
XIN input voltage swing
V
XIN
0.3
V
pk-pk
CLK, DATA, LE logic LOW input voltage
V
IL
0.3
V
CLK, DATA, LE logic HIGH input voltage
V
IH
V
DD-
0.3
V
XIN logic LOW input current
I
IL,XIN
V
IL = 0 V
10
µA
XIN logic HIGH input current
I
IH,XIN
V
IH = VDD1
10
µA
FIN logic LOW input current
I
IL,FIN
V
IL = 0 V
60
µA
FIN logic HIGH input current
I
IH,FIN
V
IH = VDD1
60
µA
DO logic LOW output current
I
OL,DOP
V
OL = 0.4 V
1.0
mA
DO logic HIGH output current
I
OH,DOP
V
OH = VDD2 – 0.4 V
1.0
mA
LD, FV, FR logic LOW output current
I
OL
V
OL = 0.4 V
0.1
mA
LD, FV, FR logic HIGH output current
I
OH
V
OH = VDD2 – 0.4 V
0.1
mA
DATA to CLK setup time
t
SU1
2
µs
CLK to LE setup time
t
SU2
2
µs
Hold time
t
HOLD
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com