Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8108 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FS8108
Description  Low Power Phase-Locked Loop IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8108 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FS8108 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FS8108
the wireless IC company
Page 6
June 2001
Functional Description
Programmable Input Frequency Divider
The VCO input to the FIN pin is divided by the programmable divider and then internally
output to the phase/frequency detector (PFD) as f
V. The programmable input frequency
divider consists of a ÷ 64/65 (P/P+1) dual-modulus prescaler and a 18-bit (N) counter,
which is further comprised of a 6-bit swallow (A) counter, and a 12-bit main (B) counter.
The total divide ratio, M, is related to values for P, A, and B through the relation
with
The minimum programmable divisor for continuous counting is given by
and the valid total divide ratio range for the input
divider is
Programmable Reference Frequency Divider
The crystal oscillator output is divided by the programmable divider and then internally
output to the PFD as f
R. The programmable reference frequency divider consists of a fixed
÷ 8 (S) prescaler and a 13-bit reference (R) counter. The total divide ratio, T, is related to
values for S and R through the relation
The usable divisior range of the reference counter is
and therefore, the
valid total divide ratio range for the reference divider is
(in steps of 8.)
Serial Input Data Format
The divide ratios for the input and reference dividers are input using a 19-bit serial inter-
face consisting of separate clock (CLK), data (DATA), and latch enable (LE) lines. The
format of the serial data is shown in Fig. 1. The data on the DATA line is written to the
shift register on the rising edge of the CLK signal and is input with MSB first, and the last
bit is used as the latch select control bit. The data on the DATA line should be changed on
the falling edge of CLK, and LE should be held low while data is being written to the shift
register. Data is transferred from the shift register to one of the frequency divider latches
when LE is set high. When the latch select control bit is set low, data is loaded to the 18-
bit N-counter latch, and when the latch select control bit is set high, the 2 MSBs are
MP
1
+
() AP
B A
–
()
×
+
×
PB
A,
+
×
==
B A.
≥
P
P 1
–
()
×
64
63
×
4032,
==
M
4032 to 262143.
=
TS R
×
8
R.
×
==
R
5 to 8191,
=
T
40 to 65528
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com