Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8108 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FS8108
Description  Low Power Phase-Locked Loop IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8108 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FS8108 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FS8108
the wireless IC company
Page 9
June 2001
Quick-lock Signal (DB)
The quick-lock output signal, DB, is provided so that the PLL may achieve higher speed
locking. When connected, the DB output effectively doubles the charge pump current out-
put to the loop filter during the initial start-up of the PLL (when OPR first goes high).
Once the PLL phase error is within a specific tolerance, the quick-lock circuitry sets the
DB output to a high impedance state and the PLL continues toward lock with its normal
charge pump current.
Stand-by Mode
The stand-by mode for the PLL is entered by setting the OPR pin low and V
DD1 to 0 V
while the circuit is in operation. In the stand-by mode, the XIN and FIN amplifiers, N-
counter, and R-counter are stopped, the N- and R-counters are also reset, and the DO and
DB outputs are set to the high impedance state. As long as voltage is supplied to V
DD2,
data loaded to the latches is kept. To exit from stand-by mode to normal operation, the
OPR pin must be set high and voltage must again be supplied to V
DD1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com