Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68233IRAZ Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL68233IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68233IRAZ Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL68233IRAZ Datasheet HTML 29Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 30Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 31Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 32Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 33Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 34Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
ISL68222, ISL68233
9. PMBus Command Summary
R16DS0036EU0100 Rev.1.00
Page 33 of 102
Oct.1.20
9.
PMBus Command Summary
Code
Command Name
Description
Type
Data
Format
Default
Value
Default Setting
00h
PAGE (00h)
Rail selector
R/W
Bit
00h
Page 0
01h
OPERATION (01h)
Enable/disable, VOUT source
R/W
Bit
08h
Immediate off, Act
on fault
02h
ON_OFF_CONFIG (02h)
On/off configuration settings
R/W
Bit
17h
ENABLE pin
control, active
high, immediate off
03h
CLEAR_FAULTS (03h)
Clears all fault bits in all
registers and releases the
nPMALERT pin
Write
N/A
N/A
N/A
04h
PHASE (04h)
Phase selector
R/W
Direct
00h
Phase 0
05h
PAGE_PLUS_WRITE (05h)
Allows page and command
write in single transaction
Block
Write
Bit
N/A
N/A
06h
PAGE_PLUS_READ (06h)
Allows page and command
read in single transaction
Block
Write/read/
process
call
Bit
N/A
N/A
10h
WRITE_PROTECT (10h)
Write protection to sets of
commands
R/W
Bit
00h
No write protection
19h
CAPABILITY (19h)
Reports PMBus capability
Read
Bit
ISL68222:
D0h
ISL68233:
D4h
See detail
1Bh
SMBALERT_MASK (1Bh)
Mask status bits from
SMBALERT signal
Block R/W
Bit
00h
No bits masked
20h
VOUT_MODE (20h)
Defines format for output
voltage related commands
Read
Bit
40h
Direct format
21h
VOUT_COMMAND (21h)
Output voltage set by PMBus
R/W
Direct
0384h
900mV
22h
VOUT_TRIM (22h)
Applies trim voltage to VOUT
set-point
R/W
Direct
0000h
0mV
23h
VOUT_CAL_OFFSET (23h)
Applies offset voltage to VOUT
set-point
R/W
Direct
0000h
0mV
24h
VOUT_MAX (24h)
Absolute maximum voltage
setting
R/W
Direct
0BEAh
3050mV
25h
VOUT_MARGIN_HIGH (25h)
Sets voltage target during
margin high
R/W
Direct
03B1
945mV
26h
VOUT_MARGIN_LOW (26h)
Sets voltage target during
margin low
R/W
Direct
0357
855mV
27h
VOUT_TRANSITION_RATE (27h)
Slew rate setting for VOUT
ramp
R/W
Direct
09C4h
25mV/µs
28h
VOUT_DROOP (28h)
Sets the load-line (V/I slope)
resistance for the output
R/W
Direct
0000h
0µV/A
2Bh
VOUT_MIN (2Bh)
Absolute minimum voltage
setting
R/W
Direct
0000h
0mV
33h
FREQUENCY_SWITCH (33h)
Sets PWM switching frequency
R/W
Direct
0258h
600kHz
34h
POWER_MODE (34h)
Sets the power conversion
mode
R/W
Bit
03h
Maximum power
35h
VIN_ON (35h)
Sets the VIN startup threshold
R/W
Direct
02BCh
7000mV
36h
VIN_OFF (36h)
Sets the VIN shutdown
threshold
R/W
Direct
01F4h
5000mV
40h
VOUT_OV_FAULT_LIMIT (40h)
Sets the VOUT OV fault limit
while disabled
R/W
Direct
0C1Ch
3100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com