Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68233IRAZ Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL68233IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68233IRAZ Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL68233IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 103 page
background image
ISL68222, ISL68233
4. Operating the Device
R16DS0036EU0100 Rev.1.00
Page 20 of 102
Oct.1.20
4.4
Enabling and Soft-Starting the Device
The ISL68222 and ISL68233 outputs can be enabled using the enable pin or PMBus. Enable method selection is
configured in PowerNavigator on a per-rail basis. The ISL68222 and ISL68233 begin their soft-start sequence
when they are commanded to regulate an output. Soft-start moves VOUT smoothly to the programmed
VOUT_COMMAND. Soft-start timing is programmed using the TON_DELAY (60h) and TON_RISE (61h) PMBus
commands.
If a pre-existing voltage bias exists on the output, the PWM signals are held in tri-state until the soft-start ramp
reaches the prebias level. The tri-state prevents the converter from sinking current and pulling the prebias down.
No special configuration is required to enable this operation.
4.5
Disabling the Device
The ISL68222 and ISL68233 can be configured to disable in two ways:
• Immediate OFF: Immediately ceases regulation and tri-states PWM pins.
• Soft OFF: Actively ramps the output voltage down to 0V before ceasing activity as programmed in
TOFF_DELAY (64h) and TOFF_FALL (65h) PMBus commands.
4.6
Phase Configuration and Automatic Phase Dropping
The ISL68222 and ISL68233 support two regulated outputs that control their five phases. Each rail is capable of
controlling up to five phases, but the rails can be configured for fewer phases. Unused phases should have their
CS and CSRTN pins grounded.
The ISL68222 and ISL68233 support Automatic Phase Dropping (APD) to optimize efficiency across the load
range. Figure 8 shows the typical characteristics of efficiency vs load current as the phase count is varied. The
diagram shows that for a typical multiphase system, optimal efficiency is achieved by using fewer phases as the
load current decreases.
The ISL68222 and ISL68233 continuously monitor output current, and if APD is enabled, the devices drop or add
phases from use as the load current varies.
Phases are dropped one at a time with a user-programmed delay between drop events. For example, if the delay
is set to 1ms, five phases are active, and the load suddenly drops to a level needing only one phase; the
ISL68222 and ISL68233 begin by dropping a single phase after 1ms. An additional phase is dropped each
millisecond until only one phase remains active. On Rail 0, phases are dropped beginning with the highest
assigned phase. On Rail 1, phases are dropped beginning with the lowest assigned phase.
Phases are automatically returned to service when load conditions require more phases. The phases are returned
to service in the opposite order they were dropped. Conditions that result in phase adding include increased load
current, rapid change sensed on the output voltage, and VOUT transition events. When rapid change is sensed on
Figure 8. Efficiency vs Phase Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com