Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68233IRAZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL68233IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68233IRAZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL68233IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 103 page
background image
ISL68222, ISL68233
1. Overview
R16DS0036EU0100 Rev.1.00
Page 12 of 102
Oct.1.20
1.5
Functional Pin Descriptions
See Table 4 on page 17 for design layout considerations.
ISL68222
Pin Number
ISL68233
Pin Number
Pin Name
Description
2, 1, 40, 39,
38
2, 1, 40, 39,
38
PWM[4:0]
Pulse-Width Modulation (PWM) outputs. Connect these pins to the PWM input pins of 3.3V
logic-compatible smart power stages, driver ICs, or DrMOS.
3
3
CFP
Catastrophic fault protection output. This active, high-logic signal can be configured to alert
the host to major fault events.
4
4
nVRHOT
Thermal warning indicator. This open-drain output is pulled low if a sensed over-temperature
occurs at the TEMP pins.
5, 7
-
DNC
Do not connect any signals to these pins.
6, 8
-
GND
Connect to ground.
-
5
AVS_VDDIO AVSBus reference voltage input. Leave open if not used.
-
6
AVS_MDA
AVSBus data input pin. Connect to ground if not used.
-
7
AVS_SDA
AVSBus data output pin. Leave open if not used.
-
8
AVS_CLK
Synchronous clock signal input of the AVSBus. Connect to ground if not used.
10, 9
10, 9
EN[1:0]
Input pin used for enable control of outputs. Connect to ground if not used
12, 11
12, 11
PG[1:0]
Open-drain, power-good indicator for outputs.
13
13
VINSEN
Input voltage sense pin for the VIN supply voltage.
14
14
VMON
Input voltage sense pin for the driver supply voltage.
15, 17, 19,
21, 23
15, 17, 19,
21, 23
CSRTN[4:0]
The CS and CSRTN pins are current-sense inputs to the individual phase differential
amplifiers. Unused phases should have their respective current-sense inputs grounded.
These pins support smart power stage, DCR, and resistor sensing. Connection details
depend on the current-sense method chosen.
16, 18, 20,
22, 24
16, 18, 20,
22, 24
CS[4:0]
28, 25
28, 25
RGND[1:0]
Negative differential voltage sense input for the outputs. Connect to the negative remote
sensing point. Connect to ground if not used.
29, 26
29, 26
VSEN[1:0]
Positive differential voltage sense input for the outputs. Connect to the positive remote
sensing point. Connect to ground if not used.
30, 27
30, 27
TEMP[1:0]
Input pin for sensing external temperature measurement at outputs. Supports NTC-based
temperature sensing and smart power stage sensing. Connect to ground if not used.
31
31
CONFIG
Configuration ID selection pin. Attach a resistor from this pin to GND.
32
32
ADDRESS
SMBus/PMBus address selection pin. Attach a resistor from this pin to GND.
33
33
VCC
Chip primary bias input. Connect this pin directly to a +3.3V supply with a 1µF or greater
MLCC bypass capacitor.
34
34
VCCS
Internally generated 1.2V LDO logic supply from VCC. Decouple with a 4.7µF or greater
MLCC (X5R or better).
35
35
nPMALERT
Open-drain output pin for alerting the SMBus host.
36
36
PMSCL
Serial clock signal pin for the SMBus interface.
37
37
PMSDA
Serial data signal pin for the SMBus interface.
EPAD
EPAD
GND
The package pad serves as the GND return for all IC functions. Connect directly to the
system GND plane with multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com