Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68233IRAZ Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ISL68233IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68233IRAZ Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ISL68233IRAZ Datasheet HTML 34Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 37Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 38Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
ISL68222, ISL68233
10. PMBus Command Detail
R16DS0036EU0100 Rev.1.00
Page 38 of 102
Oct.1.20
10.2 OPERATION (01h)
Definition: Sets Enable/Disable state when configured for PMBus enable. Sets the source of the target VOUT.
The following table reflects the valid settings for the device.
Access: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Default Value: 08h (Immediate off, Act on fault)
Command
OPERATION (01h)
Format
Bit Field
Bit Position
76
54
32
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0
00
01
000
Bit Number
Purpose
Bit Value
Meaning
7
Enable/Disable Output
0
Disable
1
Enable
6
Disable Behavior
0
Immediate off (decay with PWM tri-state)
1
Soft off (Use TOFF_DELAY and TOFF_FALL)
5:4
VOUT Source
00
VOUT_COMMAND
01
VOUT_MARGIN_LOW
10
VOUT_MARGIN_HIGH
11
AVSBus target rail voltage
3:2
Margin Response
01
Ignore VOUT OV, UV faults when margined.
10
Act on VOUT OV, UV faults when margined.
1
Not Supported
ISL68222: 0
Not supported
AVSBus VOUT Copy
ISL68233: 0
PMBus VOUT_COMMAND remains unchanged
ISL68233 1
AVSBus target rail voltage setting is copied to
VOUT_COMMAND on transfer back to PMBus control.
0
Not Supported
X
Not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com