Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68233IRAZ Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # ISL68233IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68233IRAZ Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button ISL68233IRAZ Datasheet HTML 63Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 64Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 65Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 66Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 67Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 68Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 69Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 70Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
ISL68222, ISL68233
10. PMBus Command Detail
R16DS0036EU0100 Rev.1.00
Page 67 of 102
Oct.1.20
10.43 IIN_OC_FAULT_RESPONSE (5Ch)
Definition: Configures the input overcurrent fault response for the synthesized input current reading at
READ_IIN.
Access: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Default Value: 04h (ignore)
Command
IIN_OC_FAULT_RESPONSE (5Ch)
Format
Bit Field
Bit Position
76
54
32
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0
00
00
100
Bit
Field Name
Value
Description
7:6
Response Behavior
During a fault, the
device:
• Pulls PMALRT low
• Sets the related fault
bit in the status
registers.
00
Continue without interruption.
01-10
Not supported
11
Disable and retry as set in Bits [5:3].
5:3
Retry Setting
000
No retry. The output remains disabled until the device is
restarted.
001-110
Not supported
111
Attempts to restart continuously, without limitation, until it is
commanded OFF (by the CONTROL pin or OPERATION
command), bias power is removed, or another fault condition
causes the unit to shut down. The time between retries is set
by Bits [2:0].
2:0
Delay Time before
Retry
000
Delay 0ms (not recommended)
001-110
Delay 25ms per LSB
111
Delay 175ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com