Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8317HREER Datasheet(PDF) 28 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 28 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 24Page - Texas Instruments DRV8317HREER Datasheet HTML 25Page - Texas Instruments DRV8317HREER Datasheet HTML 26Page - Texas Instruments DRV8317HREER Datasheet HTML 27Page - Texas Instruments DRV8317HREER Datasheet HTML 28Page - Texas Instruments DRV8317HREER Datasheet HTML 29Page - Texas Instruments DRV8317HREER Datasheet HTML 30Page - Texas Instruments DRV8317HREER Datasheet HTML 31Page - Texas Instruments DRV8317HREER Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
The amplifier has a defined linear region as shown in Figure 8-21.
0-A
VREF/2
VSOX(off)max
VSOX(off)min
VREF
0.25-V
0-V
IOUTx
SOX
VOFF, VDRIFT
VSOX(range+)
VSOX(range-)
-IOUTx
(VREF – 0.25) V
Figure 8-21. Bi-directional Current Sense Linear Region
Note
The current sense amplifiers use the external voltage reference (VREF) provided at the CSAREF pin.
8.3.11 Protections
The DRV8317 is protected against VM, VIN_AVDD, AVDD, CP under voltage, VM over voltage, SPI fault, OTP
read fault, FET over current and FET, LDO over temperature events. Table 8-6 summarizes various fault details.
Table 8-6. Fault Action and Response
FAULT
CONDITION
CONFIGURATION
REPORT
PRE-DRIVER
FAULT STATUS
BITS
DIGITAL
RECOVERY
VM under voltage
lockout (VM_UV)
VVM < VUVLO (falling)
UVP_MODE = 00b
nFAULT
Hi-Z
Latched
Active
Automatic:
SLOW_TRETRY and VVM > VUVLO
(rising)
UVP_MODE = 01b
nFAULT
Hi-Z
Latched
Active
Automatic:
FAST_TRETRY and VVM > VUVLO
(rising)
VM under voltage
warning
(VMUV_WARN)
VVM <
VVMUV_WARN_FALL
VMUV_WARN_MODE
= 00b
nFAULT
Hi-Z
Latched
Active
Automatic:
SLOW_TRETRY and VVM >
VVMUV_WARN_RISE
VMUV_WARN_MODE
= 01b
nFAULT
Hi-Z
Latched
Active
Automatic:
FAST_TRETRY and VVM >
VVMUV_WARN_RISE
VMUV_WARN_MODE
= 10b
nFAULT
Active
Latched
Active
No action; report only mode
VMUV_WARN_MODE
= 11b
—
Active
—
Active
—
VIN_AVDD under
voltage
(VIN_AVDD_UV)
VVIN_AVDD <
VVIN_AVDD_UV (falling)
—
—
Hi-Z
—
Reset
Automatic: VVIN_AVDD > VVIN_AVDD_UV
(rising)
AVDD under
voltage
(AVDD_UV)
VAVDD < VAVDD_UV
(falling)
—
—
Hi-Z
—
Reset
Automatic: VAVDD > VAVDD_UV (rising)
Charge pump
under voltage
(CP_UV)
VCP < VCPUV (falling)
UVP_MODE = 00b
nFAULT
Hi-Z
Latched
Active
Automatic:
SLOW_TRETRY and VCP > VCPUV
(rising)
UVP_MODE = 01b
nFAULT
Hi-Z
Latched
Active
Automatic:
FAST_TRETRY and VCP > VCPUV
(rising)
Over current
protection
(OCP)
IPHASE > IOCP
OCP_MODE = 000b
nFAULT
Hi-Z
Latched
Active
Automatic:
SLOW_TRETRY
OCP_MODE = 001b
nFAULT
Hi-Z
Latched
Active
Automatic:
FAST_TRETRY
OCP_MODE = 010b
nFAULT
Hi-Z
Latched
Active
Latched:
Cleared by FLT_CLR bit or nSLEEP
reset pulse
OCP_MODE = 011b
nFAULT
Active
Latched
Active
No action; report only mode
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com