Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8317HREER Datasheet(PDF) 44 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 44 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 40Page - Texas Instruments DRV8317HREER Datasheet HTML 41Page - Texas Instruments DRV8317HREER Datasheet HTML 42Page - Texas Instruments DRV8317HREER Datasheet HTML 43Page - Texas Instruments DRV8317HREER Datasheet HTML 44Page - Texas Instruments DRV8317HREER Datasheet HTML 45Page - Texas Instruments DRV8317HREER Datasheet HTML 46Page - Texas Instruments DRV8317HREER Datasheet HTML 47Page - Texas Instruments DRV8317HREER Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
8.6.7 FLT_MODE Register (Offset = 10h) [Reset = 0015h]
FLT_MODE is shown in Figure 8-34 and described in Table 8-17.
Return to the Table 8-9.
Figure 8-34. FLT_MODE Register
15
14
13
12
11
10
9
8
PARITY
RESERVED
VMUV_WARN_MODE
OVP_MODE
RESERVED
R/W-0h
R-0-0h
R/W-0h
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
SPIFLT_MODE
OCP_MODE
UVP_MODE
OTF_MODE
R/W-0h
R/W-1h
R/W-1h
R/W-1h
Table 8-17. FLT_MODE Register Field Descriptions
Bit
Field
Type
Reset
Description
15
PARITY
R/W
0h
Parity Bit if SPI_PEN is set to '1' otherwise reserved
14-13
RESERVED
R-0
0h
Reserved
12-11
VMUV_WARN_MODE
R/W
0h
VM under voltage warning fault mode
0h = Report on nFAULT, latch into status register, pre-driver Hi-Z,
auto recovery with slow retry time (in ms)
1h = Report on nFAULT, latch into status register, pre-driver Hi-Z,
auto recovery with fast retry time (in ms)
2h = Report on nFAULT, latch into status register, no action on pre-
driver
3h = Disabled
10-9
OVP_MODE
R/W
0h
Over voltage protection fault mode
0h = Report on nFAULT, latch into status register, pre-driver Hi-Z,
auto recovery with slow retry time (in ms)
1h = Report on nFAULT, latch into status register, pre-driver Hi-Z,
auto recovery with fast retry time (in ms)
2h = Reserved
3h = Reserved
8
RESERVED
R/W
0h
Reserved
7
SPIFLT_MODE
R/W
0h
SPI fault mode
0h = Report on nFAULT, latch into status register, no action on pre-
driver
1h = Disabled
6-4
OCP_MODE
R/W
1h
Over current protection fault mode
0h = Report on nFAULT, Latch into status register, pre-driver Hi-Z,
auto recovery with slow retry time (in ms)
1h = Report on nFAULT, Latch into status register, pre-driver Hi-Z,
auto recovery with fast retry time (in ms)
2h = Report on nFAULT, Latch into status register, pre-driver Hi-Z, no
auto recovery, wait for CLR_FLT
3h = Report on nFAULT, Latch into status register, No action on
pre-driver
4h = Reserved
5h = Reserved
6h = Reserved
7h = Reserved
3-2
UVP_MODE
R/W
1h
Under voltage protection fault mode
0h = Report on nFAULT, Latch into status register, pre-driver Hi-Z,
auto recovery with slow retry time (in ms)
1h = Report on nFAULT, Latch into status register, pre-driver Hi-Z,
auto recovery with fast retry time (in ms)
2h = Reserved
3h = Reserved
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
44
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com