Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8317HREER Datasheet(PDF) 20 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 20 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 16Page - Texas Instruments DRV8317HREER Datasheet HTML 17Page - Texas Instruments DRV8317HREER Datasheet HTML 18Page - Texas Instruments DRV8317HREER Datasheet HTML 19Page - Texas Instruments DRV8317HREER Datasheet HTML 20Page - Texas Instruments DRV8317HREER Datasheet HTML 21Page - Texas Instruments DRV8317HREER Datasheet HTML 22Page - Texas Instruments DRV8317HREER Datasheet HTML 23Page - Texas Instruments DRV8317HREER Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
8.3.2.2 3x PWM Mode
In 3x PWM mode, the INHx pin controls each half-bridge and supports two output states: low or high. To
configure DRV8317H in 3x PWM mode, connect the MODE pin to AVDD or keep the MODE pin floating (Hi-Z).
To enable 3x PWM mode in DRV8317S, set PWM_MODE to 10b or 11b. The INLx pin is used to put the half
bridge in the Hi-Z state. If the Hi-Z state is not required, tie all INLx pins to logic high (for example, by tying them
to AVDD). The corresponding INHx and INLx signals control the output state as listed in Table 8-4.
Table 8-4. 3x PWM Mode Truth Table
INLx
INHx
OUTx
0
X
Hi-Z
1
0
L
1
1
H
Figure 8-4 shows the typical application diagram of the DRV8317 configured in 3x PWM mode.
Logic
VM
Gate
Drive
and
OCP
INHC
INLA
nSLEEP
VM
VM
INHA
INHB
OUTB
OUTA
OUTC
BLDC
Motor
INLB
INLC
Controller
AVDD
PGND
Figure 8-4. 3x PWM Mode
8.3.3 Device Interface Modes
The DRV8317 family of devices supports two different interface modes (SPI and hardware) to offer either
increased simplicity (hardware interface) or greater flexibility (SPI interface). The SPI (DRV8317S) and hardware
(DRV8317H) interface modes share the same four pins, allowing the different versions to be pin-to-pin
compatible. Designers are encouraged to evaluate with the SPI interface version due to ease of changing
settings, and may consider switching to the hardware interface with minimal modifications to the design.
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com