Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8317HREER Datasheet(PDF) 18 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 18 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 14Page - Texas Instruments DRV8317HREER Datasheet HTML 15Page - Texas Instruments DRV8317HREER Datasheet HTML 16Page - Texas Instruments DRV8317HREER Datasheet HTML 17Page - Texas Instruments DRV8317HREER Datasheet HTML 18Page - Texas Instruments DRV8317HREER Datasheet HTML 19Page - Texas Instruments DRV8317HREER Datasheet HTML 20Page - Texas Instruments DRV8317HREER Datasheet HTML 21Page - Texas Instruments DRV8317HREER Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
8.3 Feature Description
Table 8-1 lists the recommended values of the external components for the driver.
Table 8-1. DRV8317 External Components
COMPONENTS
PIN 1
PIN 2
RECOMMENDED
CVM1
VM
PGND
X5R or X7R, 0.1-µF, (2 x VM)-rated capacitor
CVM2
VM
PGND
≥ 10-µF, (2 x VM)-rated electrolytic capacitor
CVIN_AVDD1
VIN_AVDD
AGND
X5R or X7R, 0.1-µF, (2 x VIN_AVDD)-rated capacitor
CVIN_AVDD2
VIN_AVDD
AGND
≥ 10-µF, (2 x VIN_AVDD)-rated capacitor
CFLY
CPH
CPL
X5R or X7R, 0.1-µF, (2 x VM)-rated capacitor
CCP
CP
VM
X5R or X7R, 16-V, 1-µF capacitor
CAVDD
AVDD
AGND
X5R or X7R, 2.2-µF (no external load) 4.7-µF (up to
80mA load), 6.3-V capacitor
RnFAULT
AVDD
nFAULT
5.1-kΩ, Pull-up resistor
RMODE
MODE
AGND
Section 8.3.3.2
RSLEW
SLEW
AGND
Section 8.3.3.2
RGAIN
GAIN
AGND
Section 8.3.3.2
CCSAREF
CSAREF
AGND
X5R or X7R, 0.1-µF, (2 x CSAREF)-rated capacitor
8.3.1 Output Stage
The DRV8317 consists of integrated N-channel FETs (high-side and low-side) connected in a three-phase bridge
configuration. A doubler charge pump provides the proper gate-bias voltage to the high-side N-channel FETs
across a wide operating (VM) voltage range in addition to providing 100% duty-cycle support. An internal linear
regulator operating from the VM supply provides the gate-bias voltage (VLS) for the low-side N-channel FETs.
8.3.2 Control Modes
The DRV8317 family of devices provides three different control modes to support various commutation and
control methods. Table 8-2 shows the various modes of the DRV8317 device.
Table 8-2. PWM Control Modes
PWM Control Mode
PWM_MODE register
(DRV8317S)
MODE Pin (DRV8317H)
6x PWM
PWM_MODE = 00b
MODE pin tied to AGND
directly or tied to AGND via
47-kΩ resistor
6x direct PWM
PWM_MODE = 01b
Not Available
3x PWM
PWM_MODE = 10b
MODE pin floating (Hi-Z) or
tied to AVDD
3x direct PWM
PWM_MODE = 11b
Not Available
The difference between 6x PWM (or 3x PWM) and 6x direct PWM (or 3x direct PWM) is that in the direct (6x
or 3x) PWM mode, the delay compensation logic circuit is bypassed and the inputs at INHx, INLx are directly
passed on to the gate driver circuit. In the gate driver circuit, a dead time (tDRV_DEAD) is added before driving the
FETs to prevent shoot through faults - this dead time is available in all the four PWM control modes.
Note
TI does not recommend changing the MODE pin or PWM_MODE register during power up of the
device (during tWAKE). The MODE pin setting on DRV8317H is latched at power up, so set nSLEEP
= 0 before changing the MODE pin configuration on the DRV8317H. In DRV8317S, set all INHx and
INLx pins to logic low before changing the PWM_MODE register.
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com