Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8317HREER Datasheet(PDF) 31 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 31 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 27Page - Texas Instruments DRV8317HREER Datasheet HTML 28Page - Texas Instruments DRV8317HREER Datasheet HTML 29Page - Texas Instruments DRV8317HREER Datasheet HTML 30Page - Texas Instruments DRV8317HREER Datasheet HTML 31Page - Texas Instruments DRV8317HREER Datasheet HTML 32Page - Texas Instruments DRV8317HREER Datasheet HTML 33Page - Texas Instruments DRV8317HREER Datasheet HTML 34Page - Texas Instruments DRV8317HREER Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
VVMU_WARN_FALL (min)
VVMU_WARN_FALL (max)
VVMU_WARN_RISE (max)
VVMU_WARN_RISE (min)
VVM
FETs ON
Time
FETs OFF
tRETRY
FETs ON
tRETRY
Figure 8-24. VM Under Voltage Warning
8.3.11.2.2 VM Under Voltage Warn Report Only (VMUV_WARN_MODE = 10b)
No protective action occurs after a VM under voltage warn event in this mode. The VM under voltage warn
event is reported by driving the nFAULT pin low and setting the FAULT, UVW bits (in DEV_STS register) and
VMUV_WARN bit (in SUP_STS register) to 1b. DRV8317 continues to operate as usual. The external controller
manages the VM under voltage warn condition by acting appropriately. The reporting clears (nFAULT pin is
released, FAULT, UVW and VMUV_WARN bits are set to 0b) when a clear fault command is issued either
through the FLT_CLR bit or an nSLEEP reset pulse (tRST).
8.3.11.2.3 VM Under Voltage Warn Disabled (VMUV_WARN_MODE = 11b)
No action is taken and no reporting (nFAULT pin, status register bits) is done after a VM under voltage warn
event in this mode.
8.3.11.3 Over Current Protection (OCP)
A MOSFET over current event is sensed by monitoring the current flowing through each of the FETs. If the
current through a FET exceeds the OCP threshold (IOCP) for longer than the OCP deglitch time (tOCP), an OCP
event is recognized and action is taken according to OCP_MODE. In order to avoid false trigger of OCP at PWM
transitions, due to ringing in the phase voltage, there is a blanking time (tBLANK) applied after each PWM edge.
During blanking time, OCP events are ignored.
In DRV8317H, the tOCP is fixed at 0.6-µs (typical), tBLANK is fixed at 0.7-µs (typical) and the OCP_MODE is set
to 001b with retry time of 5-ms. In DRV8317S, the tOCP is configured by OCP_DEG, the tBLANK is configured by
OCP_TBLANK and the OCP_MODE can be configured in four different modes: OCP latched shutdown, OCP
automatic retry with fast and slow retry times and OCP report only.
Note
(tOCP + tBLANK) should not exceed 2-µs
8.3.11.3.1 OCP Latched Fault (OCP_MODE = 010b)
After an OCP event in this mode, all MOSFETs are in Hi-Z and the nFAULT pin is driven low. The FAULT, OCP
bits (in DEV_STS register) and corresponding FETs' OCP bits (in DRV_STS register) are set to 1b. Normal
operation resumes (pre-driver operation, FAULT, OCP, corresponding FETs' OCP bits set to 0b and the nFAULT
pin is released) when a clear fault command is issued either through the FLT_CLR bit or an nSLEEP reset pulse
(tRST).
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com