Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952011YFT Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS952011YFT
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011YFT Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS952011YFT Datasheet HTML 6Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 7Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 8Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 9Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 10Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 11Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 12Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 13Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
I
2C Table: Function Control Register
Control
Function
Bit 7
PDEN
PD# Enable
RW
Disable
Enable
1
Bit 6
AZCLKFS
Async Zclk Freq Select in
N-programming (Mode
01, see table 3)
RW
66.6MHz
133.3MHz
1
Bit 5
WDS_EN
WD Soft Enable
RW
Disable
Enable
1
Bit 4
PCICLK6
Output Control
RW
Disable
Enable
1
Bit 3
AZCLKFS
Async Zclk Freq Select
(Mode 10 & 11, see table
3)
RW
66MHz
132MHz
1
Bit 2
Reserved
Reserved
RW
-
1
Bit 1
AEN1
RW
0
Bit 0
AEN0
RW
0
-
-
Zclk/Agp/Pci Freq
Source Select Control
See Table 3 : ZCLK, AGP &
PCI Frequency Source
Decode Table
-
-
-
-
1PWD
-
-
Name
Pin #
Byte 0
Type
0
Table 3: ZCLK Frequency Source Decode Table
Byte0 Bit1
Byte0 Bit0
ZCLK & AGP & PCI
0
0
See Table 1, QuadRom Frequency Table
0
1
N-Programming for ZCLK/AGP/PCI
1
0
See Table 1 for AGP/PCI, B0b3 for ZCLK freq
1
1
N-Prog for AGP/PCI, B0b3 for ZCLK freq
I
2C Table: Async N-Programming Frequency Select Register
Control
Function
Bit 7
N PLL3 Div7
RW
-
-
0
Bit 6
N PLL3 Div6
RW
-
-
1
Bit 5
N PLL3 Div5
RW
-
-
0
Bit 4
N PLL3 Div4
RW
-
-
0
Bit 3
N PLL3 Div3
RW
-
-
0
Bit 2
N PLL3 Div2
RW
-
-
1
Bit 1
N PLL3 Div1
RW
-
-
1
Bit 0
N PLL3 Div0
RW
-
-
1
I
2C Table: Reserved Register
Control
Function
Bit 7
Reserved
Reserved
RW
-
-
1
Bit 6
Reserved
Reserved
RW
-
-
1
Bit 5
Reserved
Reserved
RW
-
-
1
Bit 4
Reserved
Reserved
RW
-
-
1
Bit 3
Reserved
Reserved
RW
-
-
1
Bit 2
Reserved
Reserved
RW
-
-
1
Bit 1
Reserved
Reserved
RW
-
-
1
Bit 0
Reserved
Reserved
RW
-
-
1
-
Name
-
Byte 1
-
Type
1
PWD
0
PWD
0
-
-
Name
Type
The decimal
representation of N PLL2
Div (7:0) + 8 is equal to
VCO divider value for
PLL2. Default at power
up = 66.67MHz
1
-
Pin #
-
-
-
Byte 2
-
Pin #
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com