Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952011YFT Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS952011YFT
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011YFT Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS952011YFT Datasheet HTML 16Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 17Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 18Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 19Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 20Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 21Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 22Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 23Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 24Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Absolute Maximum Ratings
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device.These ratings are stress
specifications only and functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Core Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . 4.6 V
I/O Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2
VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
µA
Operating Supply
Current
IDD(op)
CL = 0 pF; Select @ 100MHz
213
280
mA
Power Down Supply
Current
IDDPD
CL = 0 pF; With input address to VDD or
GND
15
40
mA
Input frequency
Fi
VDD = 3.3 V
11
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Transition Time
1
Ttrans
To 1st crossing of target Freq.
1.8
3
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
13
ms
Skew
1
TCPU-PCI
VT = 1.5 V
1.5
2.19
4
ns
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1
Electrical Characteristics - PCICLK
TA = 0 - 70°C; VDD = 3.3 V,+/-5%; CL = 30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -18 mA
2.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
16
57
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.96
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.95
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
51.6
55
%
Skew
1
tsk1
VT = 1.5 V
70
500
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
100
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com