Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952011YFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS952011YFT
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011YFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS952011YFT Datasheet HTML 2Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 3Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 4Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 5Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 6Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 7Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 8Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 9Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Table1: QuadRom Frequency Selection Table
B24
B24
Bit2
Bit7
Bit6
Bit5
Bit4
CPU
SDR
AGP
PCI
ZCLK
Bit6
Bit5
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
MHz
0
0
0
0
0
0
0
100.20
100.20
66.80
33.40
66.80
0
0
0
0
0
0
1
100.20
133.60
66.80
33.40
66.80
0
0
0
0
0
1
0
100.20
200.40
66.80
33.40
66.80
0
0
0
0
0
1
1
100.20
167.00
66.80
33.40
66.80
0
0
0
0
1
0
0
133.60
100.20
66.80
33.40
66.80
0
0
0
0
1
0
1
133.60
133.60
66.80
33.40
66.80
0
0
0
0
1
1
0
133.60
200.40
66.80
33.40
66.80
0
0
0
0
1
1
1
133.60
167.00
66.80
33.40
66.80
0
0
0
1
0
0
0
200.05
100.03
66.68
33.34
66.68
0
0
0
1
0
0
1
200.05
133.37
66.68
33.34
66.68
0
0
0
1
0
1
0
200.05
200.05
66.68
33.34
66.68
0
0
0
1
0
1
1
200.05
160.04
66.68
33.34
66.68
0
0
0
1
1
0
0
166.70
100.20
66.68
33.40
66.68
0
0
0
1
1
0
1
166.70
133.36
66.80
33.40
66.80
0
0
0
1
1
1
0
160.04
200.05
66.68
33.34
66.68
0
0
0
1
1
1
1
166.70
166.70
66.68
33.34
66.68
0
0
1
0
0
0
0
100.20
100.20
66.80
33.40
133.60
0
0
1
0
0
0
1
100.20
133.60
66.80
33.40
133.60
0
0
1
0
0
1
0
100.20
200.40
66.80
33.40
133.60
0
0
1
0
0
1
1
100.20
167.00
66.80
33.40
133.60
0
0
1
0
1
0
0
133.60
100.20
66.80
33.40
133.60
0
0
1
0
1
0
1
133.60
133.60
66.80
33.40
133.60
0
0
1
0
1
1
0
133.60
200.40
66.80
33.40
133.60
0
0
1
0
1
1
1
133.60
167.00
66.80
33.40
133.60
0
0
1
1
0
0
0
200.05
100.03
66.68
33.34
133.37
0
0
1
1
0
0
1
200.05
133.37
66.68
33.34
133.37
0
0
1
1
0
1
0
200.05
200.05
66.68
33.34
133.37
0
0
1
1
0
1
1
200.05
160.04
66.68
33.34
133.37
0
0
1
1
1
0
0
166.70
100.20
66.68
33.40
133.60
0
0
1
1
1
0
1
166.70
133.36
66.80
33.40
133.60
0
0
1
1
1
1
0
160.04
200.05
66.68
33.34
133.37
0
0
1
1
1
1
1
166.70
166.70
66.68
33.34
133.37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com