Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952011YFT Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS952011YFT
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011YFT Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS952011YFT Datasheet HTML 4Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 5Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 6Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 7Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 8Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 9Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 10Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 11Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Table1: QuadRom Frequency Selection Table (Continued)
B24
B24
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
SDR
AGP
PCI
ZCLK
Bit6
Bit5
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
MHz
01
000
0
0
100.20
100.20
66.80
33.40
80.16
01
000
0
1
100.20
133.60
66.80
33.40
80.16
01
000
1
0
100.20
200.40
66.80
33.40
80.16
01
000
1
1
100.20
167.00
66.80
33.40
80.16
01
001
0
0
133.60
100.20
66.80
33.40
80.16
01
001
0
1
133.60
133.60
66.80
33.40
80.16
01
001
1
0
133.60
200.40
66.80
33.40
80.16
01
001
1
1
133.60
167.00
66.80
33.40
80.16
01
010
0
0
200.05
100.03
66.68
33.34
80.02
01
010
0
1
200.05
133.37
66.68
33.34
80.02
01
010
1
0
200.05
200.05
66.68
33.34
80.02
01
010
1
1
200.05
160.04
66.68
33.34
80.02
01
011
0
0
166.70
100.20
66.68
33.40
80.16
01
011
0
1
166.70
133.36
66.80
33.40
80.16
01
011
1
0
160.04
200.05
66.68
33.34
80.02
01
011
1
1
166.70
166.70
66.68
33.34
80.02
01
100
0
0
100.20
100.20
66.80
33.40
100.20
01
100
0
1
100.20
133.60
66.80
33.40
100.20
01
100
1
0
100.20
200.40
66.80
33.40
100.20
01
100
1
1
100.20
167.00
66.80
33.40
100.20
01
101
0
0
133.60
100.20
66.80
33.40
100.20
01
101
0
1
133.60
133.60
66.80
33.40
100.20
01
101
1
0
133.60
200.40
66.80
33.40
100.20
01
101
1
1
133.60
167.00
66.80
33.40
100.20
01
100
0
0
200.05
100.03
66.68
33.34
100.03
01
100
0
1
200.05
133.37
66.68
33.34
100.03
01
100
1
0
200.05
200.05
66.68
33.34
100.03
01
100
1
1
200.05
160.04
66.68
33.34
100.03
01
111
0
0
166.70
100.20
66.68
33.40
100.20
01
111
0
1
166.70
133.36
66.80
33.40
100.20
01
111
1
0
160.04
200.05
66.68
33.34
100.03
01
111
1
1
166.70
166.70
66.68
33.34
100.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com